Electronic Components Datasheet Search
  English  ▼

X  

EM91440C Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM91440C
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91440C Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM91440C Datasheet HTML 7Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 8Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 9Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 10Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 11Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 12Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 13Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 14Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
EM91440 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
AND DUAL-TONE MELODY GENERATOR
11
* This specification are subject to be changed without notice.
10.1.1997
keyboard entry. In actual application of the RMUTE pin is recommended connection to microphone of the
phone handset to prevent that the dialing signal (DTMF) is coupling by the Microphone of the phone handset.
(such as pocket dialer)
i.
In idle state, HKS is from “High” to “Low” (pick up handset action).
ii. In idle state, turn on handfree function.
iii. The flash operation ( F key ).
ABSOLUTE MAXIMUM RATINGS(Ambient temperature is 25
°C, all voltages referenced to V
SS)
Items
Sym.
Rating
Unit
Power supply voltage
V
DD
6.0 Vdc
V
Input voltage range
V
IN
V
SS-0.3V ~ VDD+0.3V
V
Operating temperature
T
OPR
0 ~ +50
°C
Storage temperature
T
STO
-55 ~ 125
°C
Power consumption
P
D
500
mW
ELECTRICAL CHARACTERISTICS
(Ambient temperature is 25
°C, V
DD=2.5V unless otherwise noted, all voltages referenced to VSS, Fosc=3.579545 MHz)
Parameter
Sym.
Min.
Typ.
Max. Unit
Condition
Operating voltage
Pulse
2.0
-
5.5
V
unload
Tone
2.0
-
5.5
Operating current(HKS=0)
Pulse
Idd
-
0.15
0.3
unload
Tone
-
0.3
0.5
mA
Pulse
-
0.15
0.3
with pull up/down
Tone
-
0.3
0.5
resistor * 8
Memory retention current
Imrt
-
0.001
0.1
uA
HKS=1,Vdd=1V
Standby current
HKS=1
Istby
-
0.001
0.1
unload
HKS=0
-
1
10
uA
HKS=1
-0.001
0.1
with pull up/down
HKS=0
-
10
30
resistor * 8
HKS, HFI & DRING
ViH
0.8Vdd
-
Vdd
V
pins: input voltage
ViL
Vss
-
0.2Vdd
HFO & HDO pins source current
IoH
0.2
-
-
mA
Vo = 2.0 V
PO, HFO, XMUTE, RMUTE
IoL
-0.2
-
-
mA
Vo = 0.5 V
& SDO pins: sink current
PO, XMUTE, RMUTE and SDO
IoH
-
-
±0.001 uA
Vo = Vdd
pins: leakage current
HFI pin input resistance
Rhfi
-
200
-
K
Ω Vhfi = Vss
DRING pin input resistance
Rdring
-
100
-
K
Ω Vdeing=Vss
Keyboard scanning pins
IoH
2
10
50
uA
Vksn=Vss
output current (except COL4/KT)
IoL
200
400
800
V
ksn=Vdd
COL4/KT source current
IoH
0.2
-
-
mA
Vo=2.0V
sink current
IoL
0.2
-
-
Vo=0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com