Electronic Components Datasheet Search
  English  ▼

X  

EM91440C Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM91440C
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91440C Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM91440C Datasheet HTML 13Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 14Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 15Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 16Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 17Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 18Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 19Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 20Page - ELAN Microelectronics Corp EM91440C Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
EM91440 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
AND DUAL-TONE MELODY GENERATOR
17
* This specification are subject to be changed without notice.
10.1.1997
Figure 8. SDO operating timing
<Note>L=LSB,M=MSB, sT=START bit time, spT=STOP bit time
HF
HD
HF
HD
HF
HD
HD
HD
HD @
280
ms
Thdrdb
HKS
KEY IN
HFO
HDO
XMUTE
SDO
PO
MELODY
Hi-impedance
Figure 10. Off-Hook delay time
Tdly
"0" digit dialing time
0
5
HF
HFI
or
HKS
KEY
KT
OSC.
Hi-impedance
@ : It can be triggled by extension telephone set for hold function release
Figure 9. HF and HD operating timing
HKS
KEY IN
KT
SDO
Tdb
2
sT
sT b0
b1
b2
b3 b4
b5 spT spT
0
1
0
1
00
0 0
0
1
Tbit
L
M
Hi-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com