Electronic Components Datasheet Search
  English  ▼

X  

HM9270D Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # HM9270D
Description  DTMF RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

HM9270D Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  HM9270D Datasheet HTML 1Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 2Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 3Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 4Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 5Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 6Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 7Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 8Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DTMF RECEIVER
HM 9270C/D
- 3 -
Pin
Sym.
Function
11
Q1
12
Q2
13
Q3
14
Q4
15
StD
16
ESt
17
St/GT
18
V
DD
3-state data outputs. When enabled by TOE, provide the code corresponding to the last valid
tone-pair received (see code table).
Delayed steering output. Presents a logic high when a received tone-pair has been registered
and the output latch updated; returns to logic low when the voltage on St/GT falls below
V
TSt.
Early steering output. Presents a logic high immediately when the digital algorithm detects a
recognizable tone-pair (signal condition). Any momentary loss of signal condition will cause
ESt to return to a logic low.
Steering input/guard time output (bi-directional). A voltage greater than V
TSt detected at St
causes the device to register the detected tone-pair and update the output latch. A voltage
less than V
TSt frees the device to accept a new tone-pair.
The GT output acts to reset the
external steering time-constant; its state is a function of ESt and the voltage on St (see truth
table).
Positive power supply, +5Volts.
DC Electrical Characteristics
Parameter
Description
SUPPLY:
V
DD
Operating Supply Voltage
I
cc
Operating Supply Current
P
o
Power Consumption
I
S
Standby Current
INPUTS:
V
IL
Low Level Input Voltage
V
IH
High Level Input Voltage
I
IH/IIL
Input Leakage Current
I
so
Pull Up (Source) Current
R
IN
Input
Signal
Impedance
Inputs 1,2
V
TSt
Steering Threshold Voltage
Test Conditions
Min. Typ. Max. Units
4.75
5.25
V
3.0
7
mA
f=3.579MHz; V
DD=5V
15
35
mW
PWDN pin = V
DD
-
-
100
µA
1.5
V
3.5
V
V
IN=Vss or VDD
0.1
uA
TOE (Pin 10)=OV
7.5
15
uA
@ 1kHz
10
M
Ω
2.35
V
Parameters
Min.
Max.
Units
Power Supply Voltage, V
DD - VSS
6V
Voltage on any pin
V
SS - 0.3
V
DD+ 0.3
V
Current at any pin
10
mA
Operating temperature
-40
+85
oC
Storage temperature
-65
+150
oC
Package power dissipation
500
mW
Note 1. Absolute maximum ratings are those values beyond which damage to the device may
occur.
2. Unless otherwise specified, all voltages are referenced to ground.
3. Power dissipation temperature derating: -12 mV/
oC from 65
oC to 85oC
Absolute Maximum Ratings (Notes 1, 2 and 3)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com