Electronic Components Datasheet Search
  English  ▼

X  

HM9270D Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # HM9270D
Description  DTMF RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

HM9270D Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button HM9270D Datasheet HTML 2Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 3Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 4Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 5Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 6Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 7Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 8Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 9Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 10Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DTMF RECEIVER
HM 9270C/D
- 7 -
FIGURE 5. TIMING DIAGRAM
A. Short tone bursts: detected. Tone duration is invalid.
B. Tone #n is detected. Tone duration is valid. Decoded
to outputs.
C. End of tone #n is dectected and validated.
D. 3 State outputs disabled (high impedance).
E. Tone #n + 1 is detected. Tone duration is valid. De
coded to outputs.
F. Tristate outputs are enabled. Acceptable drop out of
tone #n + 1 does not negister at outputs.
G. End of tone #n + 1 is detected and validated.
FIGURE 5. TIMING DIAGRAM
the GT output is activated and drives V
C to VDD.
GT continues to drive high as long as ESt remains high. Finally
after a short delay to allow the output latch to settle, the "delayed-steering" output flag, StD, goes high, signaling
that a recieved tone-pair has been registered. The contents of the output lacth are made available on the 4-bit
output bus by raising the 3-state control input (TOE) to a logic high. The steering circuit works in reverse to
validate the interdigit paues between signals. Thus, as well as rejecting signals too short to be considered valid, the
receiver will tolerate signal interruptions ("drop-out") too short to be considered a valid pause. The facility, together
with the capability of selecting the steering time-constants externally, allows the designer to tailor performance to
meet a wide variety of system requiremetns.
FIGURE 6. TYPICAL FILTER
CHARACTERISTIC
Before registration of a decoded tone-pair, the receiver checks
for a valid signal duration (referred to as "character-recogni-
tion-condition"). This check is per-
formed by an external RC time-constant driven by ESt.
A logic high on ESt causes V
C
(see Fig. 5) to rise as the
capacitor discharges. Provided signal-condition is main-
tained (ESt remains high) for the validation period (t
GTP), Vc
reaches the threshold (V
TSt) of the steering logic to register the
tone-pair, latching its corresponding 4-bit code (see Fig. 3)
into the output latch. At this point,
STEERING CIRCUIT
D
AB
C
E
F
G
t REC
t
REC
INTERDIGIT
PAUSE
t
ID
TONE DROPOUT
t
DO
TONE # n
TONE #n+1
TONE#n+1
t
DP
DA
t
GTP
t
PQ
t
t
GTA
V Tst
DECODE TONE n-1
DECODED
TONE#n
DECODED TONE # n + 1
HIGH
IMPEDANCE
t PS t D
t
PTE
PTD
t
EVENTS
ESt
DATA
OUTPUTS
Q1-Q4
TOE
St/GT
StD
OUTPUT
0
10
20
30
40
50
60
70
80
0
1K
2K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com