Electronic Components Datasheet Search
  English  ▼

X  

HM9270D Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # HM9270D
Description  DTMF RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

HM9270D Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button HM9270D Datasheet HTML 2Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 3Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 4Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 5Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 6Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 7Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 8Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 9Page - ELAN Microelectronics Corp HM9270D Datasheet HTML 10Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DTMF RECEIVER
HM 9270C/D
- 8 -
C
V
C
R
V
DD
V
DD
St/GT
ESt
S tD
V
DD
t
GTP
GTA
t
=(RC) ln (
V
V
DD
=(RC) ln (
V
V
DD
-
)
)
TST
TST
0.1
µf
V
DD
S
t
GT
/
ES
t
C
R2
R1
V
DD
S
t
GT
/
ES
t
C
R2
R1
FIGURE 7. BASIC STEERING CIRCUIT
Guard Time Adjustment
In many situations not requiring independent selection of receive and pause, the simple steering circuit of Fig. 7 is
applicable. Component values are chosen according to the following formulae:
t
REC = tDP + tGTP
t
ID = tDA + tGTA
The value of t
DP is a parameter of
the device (see table) and t
REC is the minimum signal duration to be recognized by
the receiver. A value for C of 0.1 µF is recommended for most applications, leaving R to be selected by the
designer. For example, a suitable value of R for a t
REC of 40mS would be 300k.
Different steering arrangements may be used to select independently the guard-times for tone-present (t
GTP) and
tone-absent (t
GTA). This may be necessary to meet system specifications which place both accept and reject limits on
both tone duration and interdigital pause.
Guard-time adjustment also allows the designer to tailor system parameters such as talk off and noise immunity.
Increasing t
REC improves talk-off performance, since it reduces the probability that tones simulated by speech will
maintain signal condition for long enough to be registered. On the other hand, a relatively short t
REC
with a long t
DO
would be appropriate for extremely noisy environments where fast acquisition time and immunity to drop - outs
would be required. Design information for guard-time adjustment is shown in Fig. 8.
tGTP=(Rp C) In (
tGTP=(Rp C) In (
tGTA=(R1 C) In (
Rp=
tGTA=(R1 C) In (
Rp=
VDD - V
TST
VDD
VDD - V
TST
VDD
)
V
TST
VDD
)
)
V
TST
VDD
)
R1+R2
R1R2
R1+R2
R1R2
a) Decreasing t
GTP (tGTP < tGTA)
b) Decreasing t
GTP (tGTP > tGTA)
FIGURE 8. GUARD TIME ADJUSTMENT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com