Electronic Components Datasheet Search
  English  ▼

X  

S216S01 Datasheet(PDF) 1 Page - Sharp Corporation

Part # S216S01
Description  Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S216S01 Datasheet(HTML) 1 Page - Sharp Corporation

  S216S01 Datasheet HTML 1Page - Sharp Corporation S216S01 Datasheet HTML 2Page - Sharp Corporation S216S01 Datasheet HTML 3Page - Sharp Corporation S216S01 Datasheet HTML 4Page - Sharp Corporation S216S01 Datasheet HTML 5Page - Sharp Corporation S216S01 Datasheet HTML 6Page - Sharp Corporation S216S01 Datasheet HTML 7Page - Sharp Corporation S216S01 Datasheet HTML 8Page - Sharp Corporation S216S01 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
S116S01 Series
S216S01 Series
■ Features
IT(rms)≤16A, Non-Zero Cross type
SIP 4pin
Triac output SSR
1. Output current, IT(rms)≤16.0A
2. Non-zero crossing functionary
3. 4 pin SIP package
4. High repetitive peak off-state voltage
(VDRM : 600V, S216S01 Series)
(VDRM : 400V, S116S01 Series)
5. High isolation voltage between input and output
(Viso(rms) : 4.0kV)
6. Lead-free terminal components are also available
(see Model Line-up section in this datasheet)
7. Screw hole for heat sink
■ Description
S116S01 Series and S216S01 Series Solid State
Relays (SSR) are an integration of an infrared emitting
diode (IRED), a Phototriac Detector and a main output
Triac. These devices are ideally suited for controlling
high voltage AC loads with solid state reliability while
providing 4.0kV isolation (Viso(rms)) from input to out-
put.
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
S116S01 Series
S216S01 Series
■ Agency approvals/Compliance
1. Isolated interface between high voltage AC devices
and lower voltage DC control circuitry.
2. Switching motors, fans, heaters, solenoids, and
valves.
3. Phase or power control in applications such as light-
ing and temperature control equipment.
■ Applications
1. Recognized by UL508 (only for S116S01 Series), file
No. E94758 (as models No. S116S01)
2. Approved by CSA 22.2 No.14 (only for S116S01 Ser-
ies), file No. LR63705 (as models No. S116S01)
3. Package resin : UL flammability grade (94V-0)
Sheet No.: D4-A02601EN
Date Apr. 28. 2004
© SHARP Corporation
∗Zero cross type is also available. (S116S02 Series/
S216S02 Series)


Similar Part No. - S216S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S216S01 SHARP-S216S01 Datasheet
69Kb / 5P
SIP Type SSR for Medium Power Control
S216S01 SHARP-S216S01 Datasheet
241Kb / 13P
SIP 4pin Triac output SSR
More results

Similar Description - S216S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
Zero Cross type DIP 8pin Triac output SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
Non-Zero Cross type DIP 8pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
S212S01F SHARP-S212S01F Datasheet
241Kb / 13P
SIP 4pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com