Electronic Components Datasheet Search
  English  ▼

X  

S216S01 Datasheet(PDF) 6 Page - Sharp Corporation

Part # S216S01
Description  Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S216S01 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button S216S01 Datasheet HTML 2Page - Sharp Corporation S216S01 Datasheet HTML 3Page - Sharp Corporation S216S01 Datasheet HTML 4Page - Sharp Corporation S216S01 Datasheet HTML 5Page - Sharp Corporation S216S01 Datasheet HTML 6Page - Sharp Corporation S216S01 Datasheet HTML 7Page - Sharp Corporation S216S01 Datasheet HTML 8Page - Sharp Corporation S216S01 Datasheet HTML 9Page - Sharp Corporation S216S01 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
S116S01 Series
S216S01 Series
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 RMS ON-state Current vs.
Ambient Temperature
0
60
50
40
30
20
10
Ambient temperature Ta (˚C)
−25
125
100
75
50
25
0
Sheet No.: D4-A02601EN
(1) With infinite heat sink
(2) With heat sink (280
×280×2mm Al plate)
(3) With heat sink (200
×200×2mm Al plate)
(4) With heat sink (100
×100×2mm Al plate)
(5) Without heat sink
(Note) In natural cooling condition, please locate Al
plate vertically, spread the thermal conductive
silicone grease on the touch surface of the
device and tighten up the device in the center
of Al plate at the torque of 0.4N • m.
−25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
Ambient temperature Ta (˚C)
(2)
(3)
(4)
(5)
(1)
100
10
1
0
1.0
2.0
Forward voltage VF (V)
Ta=100˚C
25˚C
50˚C
75˚C
0˚C
−25˚C
Fig.4 Forward Current vs. Forward Voltage
Fig.3 RMS ON-state Current vs.
Case Temperature
0
2
4
6
8
16
10
12
14
Case temperature Tc (˚C)
−25
0
25
50
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com