Electronic Components Datasheet Search
  English  ▼

X  

S216S01 Datasheet(PDF) 5 Page - Sharp Corporation

Part # S216S01
Description  Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S216S01 Datasheet(HTML) 5 Page - Sharp Corporation

  S216S01 Datasheet HTML 1Page - Sharp Corporation S216S01 Datasheet HTML 2Page - Sharp Corporation S216S01 Datasheet HTML 3Page - Sharp Corporation S216S01 Datasheet HTML 4Page - Sharp Corporation S216S01 Datasheet HTML 5Page - Sharp Corporation S216S01 Datasheet HTML 6Page - Sharp Corporation S216S01 Datasheet HTML 7Page - Sharp Corporation S216S01 Datasheet HTML 8Page - Sharp Corporation S216S01 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Shipping Package
Model No.
Case
200pcs/case
S116S01F
IFT[mA]
(VD
=12V,
RL
=30Ω)
MAX.8
400
S216S01F
MAX.8
600
VDRM
[V]
5
Please contact a local SHARP sales representative to see the actual status of the production.
S116S01 Series
S216S01 Series
Sheet No.: D4-A02601EN
■ Model Line-up (1) (Lead-free terminal components)
■ Model Line-up (2) (Lead solder plating components)
Shipping Package
Model No.
Case
200pcs/case
S116S01
IFT[mA]
(VD
=12V,
RL
=30Ω)
MAX.8
400
S216S01
MAX.8
600
VDRM
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com