Electronic Components Datasheet Search
  English  ▼

X  

S216S01 Datasheet(PDF) 4 Page - Sharp Corporation

Part # S216S01
Description  Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S216S01 Datasheet(HTML) 4 Page - Sharp Corporation

  S216S01 Datasheet HTML 1Page - Sharp Corporation S216S01 Datasheet HTML 2Page - Sharp Corporation S216S01 Datasheet HTML 3Page - Sharp Corporation S216S01 Datasheet HTML 4Page - Sharp Corporation S216S01 Datasheet HTML 5Page - Sharp Corporation S216S01 Datasheet HTML 6Page - Sharp Corporation S216S01 Datasheet HTML 7Page - Sharp Corporation S216S01 Datasheet HTML 8Page - Sharp Corporation S216S01 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
■ Electro-optical Characteristics
Parameter
Symbol
Unit
Input
Output
(Ta
=25˚C)
Forward voltage
Reverse current
Repetitive peak OFF-state current
ON-state voltage
Holding current
Critical rate of rise of OFF-state voltage
Critical rate of rise of OFF-state voltage at commutaion
Minimum trigger current
Isolation resistance
Turn-on time
Turn-off time
Thermal resistance
VF
IR
IDRM
VT(rms)
IH
dV/dt
(dV/dt)c
IFT
RISO
ton
toff
Rth(j-c)
Rth(j-a)
V
µA
µA
V
mA
V/
µs
V/
µs
mA
Ω
ms
ms
˚C/W
IF
=20mA
VR
=3V
VD
=VDRM
IT(rms)
=16A, Resistance load, IF=20mA
−
VD
=2/3•VDRM
Tj
=125˚C, VD=2/3•VDRM, dIT/dt=−8.0A/ms
VD
=12V, RL=30Ω
DC500V, 40 to 60%RH
VD(rms)
=100V, AC50Hz
IT(rms)
=2A, Resistance load, IF=20mA
VD(rms)
=200V, AC50Hz
IT(rms)
=2A, Resistance load, IF=20mA
VD(rms)
=100V, AC50Hz
IT(rms)
=2A, Resistance load, IF=20mA
VD(rms)
=200V, AC50Hz
IT(rms)
=2A, Resistance load, IF=20mA
Between junction and case
Between junction and ambient
Conditions
MIN.
TYP.
MAX.
Transfer
charac-
teristics
S116S01
S216S01
S116S01
S216S01
−
−
−
−
−
30
5
−
1010
−
−
−
−
−
−
1.2
−
−
−
−
−
−
−
−
−
−
−
−
3.3
40
1.4
100
100
1.5
50
−
−
8
−
1
1
10
10
−
−
■ Absolute Maximum Ratings
4
Parameter
Symbol
Rating
Unit
Input
Output
(Ta
=25˚C)
Forward current
Reverse voltage
RMS ON-state current
Peak one cycle surge current
Repetitive
peak OFF-state voltage
Non-Repetitive
peak OFF-state voltage
Critical rate of rise of ON-state current
Operating frequency
Isolation voltage
Operating temperature
Storage temperature
Soldering temperature
*2
*1
IF
VR
IT(rms)
Isurge
VDRM
VDSM
dIT/dt
f
Viso(rms)
Topr
Tstg
Tsol
mA
V
A
A
V
V
A/
µs
Hz
kV
˚C
˚C
˚C
*3
*3
*4
50
6
16
160
400
600
400
600
50
45 to 65
4.0
−25 to +100
−30 to +125
260
*1 40 to 60%RH, AC for 1minute, f
=60Hz
*2 For 10s
*3 Refer to Fig.1, Fig.2
*4 f
=60Hz sine wave, Tj=25˚C start
S116S01
S216S01
S116S01
S216S01
S116S01 Series
S216S01 Series
Soldering area
Sheet No.: D4-A02601EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com