Electronic Components Datasheet Search
  English  ▼

X  

TIP42 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # TIP42
Description  Complementary Silicon Power Transistor 6A/40~100V/65W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

TIP42 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  TIP42 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.7 DC Current gain
Fig.11 Collector cut-off region
Fig.9 “On”voltage
30
0.1
0.2
0.06
0.3
1.2
0.4
0.4
-3
10
+0.6
+0.4
-0.3
Base-emitter voltage, VBE (V)
Page 4 of 5
www.nellsemi.com
20
10
100
200
300
500
0.6 1.0
0.4
2.0
4.0
0.06 0.1
0.2 0.3
0.8
0
2.0
1.6
-0.2 -0.1
0 +0.1 +0.2
-1
10
TIP41 (NPN) Series
TIP42 (PNP) Series
50
70
7.0
0.6
1.0
-2
10
+0.3
5.0
6.0
T = 150
°C
J
25
°C
-55
°C
V
= 2.0V
CE
Collector Current, l (A)
C
V
@ I /I = 10
BE(sat)
C
B
V
@ V
= 4.0V
BE
CE
V
@
CE(sat)
I /I = 10
C
B
T = 25
°C
J
2.0 3.0 4.0 6.0
Collector Current, l (A)
C
100
°C
Reverse
25
°C
Forward
I = I
C
CES
+0.5
+0.7
V
= 30V
CE
T = 150
°C
J
3
10
2
10
1
10
0
10
0.4
0.06 0.1
0.2 0.3
0.6
1.0
2.0 3.0 4.0 6.0
-1.0
0
-0.5
+0.5
+2.0
+2.5
+1.5
-2.0
-1.5
+1.0
-2.5
*θ
FOR V
VC
CE(sat)
APPLIES FOR I /I
≤ h /4
C
B
FE
θ
FOR V
VB
BE
-55
°C to +25°C
-55
°C to +25°C
+25
°C to +150°C
+25
°C to +150°C
Fig.10 Temperature coeffcients
Collector current, I (A)
C
Base current , l (mA)
B
Fig.8 Collector saturation region
1.2
0.4
50
30
20
10
300
200
100
0.8
0
1.6
2.0
500
1000
50A
2.5A
50A
I = 1.0A
C
T = 25
°C
J
Fig.6 Capacitance
100
300
30
1.0
0.5
2.0 3.0
5.0
20
10
200
50
70
Cib
Cob
T = 25
°C
J
50
30
Reverse voltage, V (V)
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com