Electronic Components Datasheet Search
  English  ▼

X  

TIP42 Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # TIP42
Description  Complementary Silicon Power Transistor 6A/40~100V/65W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

TIP42 Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  TIP42 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Page 5 of 5
www.nellsemi.com
TIP41 (NPN) Series
TIP42 (PNP) Series
0.01
0.02
0.05
1.0
0.2
0.5
1.0
2.0
5.0
100
200
500
1000
10
20
50
0.01
0.02
0.05
0.7
0.2
0.3
0.1
0.5
0.03
0.07
1.0
Fig.13 Thermal response
Time, t (mS)
0.2
0.1
D = 0.5
0.02
0.05
0.01
Single pulse
P(PK)
t1
t2
R
(t)=1.67°C/W Max.
th(j-c)
D CURVES APPLY FOR POWER
Z
=
r(t) R
th(j-c)
th(j-c)
PULSE TRAIN SHOWN
READ TIME AT t1
T
- T = P
Z
J(PK)
C
(PK)
th(j-c)(t)
DUTY CYCLE, D = t /t
1 2
Fig.12 Effects of base-emitter resistance
100
10
0.1
40
20
60
80
100
120
140
1.0
1.0
10
160
I = 2×I
C
CES
I ≈ I
C
CES
(Typical I
values
CES
obtained from flgure 11)
V
= 30V
CE
I = 10×I
C
CES
Junction temperature, T (
˚C)
J
Case Style
2.87 (0.113)
2.62 (0.103)
9.40 (0.370)
9.14 (0.360)
10.54 (0.415) MAX.
16.13 (0.635)
15.87 (0.625)
4.06 (0.160)
3.56 (0.140)
1.45 (0.057)
1.14 (0.045)
2.67 (0.105)
2.41 (0.095)
2.65 (0.104)
2.45 (0.096)
5.20 (0.205)
4.95 (0.195)
0.90 (0.035)
0.70 (0.028)
3.91 (0.154)
3.74 (0.148)
1
3
2
4.70 (0.185)
4.44 0.1754
(
)
1.39 (0.055)
1.14 (0.045)
3.68 (0.145)
3.43 (0.135)
8.89 (0.350)
8.38 (0.330)
29.16 (1.148)
28.40 (1.118)
14.22 (0.560)
13.46 (0.530)
0.56 (0.022)
0.36 (0.014)
2.79 (0.110)
2.54 (0.100)
15.32 (0.603)
14.55 (0.573)
TO-220AB
C
B
E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com