Electronic Components Datasheet Search
  English  ▼

X  

IP2005CTRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IP2005CTRPBF
Description  Synchronous Buck Optimized LGA Power Block
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005CTRPBF Datasheet(HTML) 3 Page - International Rectifier

  IP2005CTRPBF Datasheet HTML 1Page - International Rectifier IP2005CTRPBF Datasheet HTML 2Page - International Rectifier IP2005CTRPBF Datasheet HTML 3Page - International Rectifier IP2005CTRPBF Datasheet HTML 4Page - International Rectifier IP2005CTRPBF Datasheet HTML 5Page - International Rectifier IP2005CTRPBF Datasheet HTML 6Page - International Rectifier IP2005CTRPBF Datasheet HTML 7Page - International Rectifier IP2005CTRPBF Datasheet HTML 8Page - International Rectifier IP2005CTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.irf.com
04/09/2009
3
iP2005CPbF
PD-60360
PARAMETER
Min
Typ
Max
Units
Conditions
Supply Current (Stand By)
-
3
4
mA
VDD = 5.0V, ENABLE = 0V
Supply Current (Operating)
-
60
75
mA
VIN = 12V, ENABLE = VDD =
5.0V,
FSW = 1MHz, Vo = 1.3V
Power-On Reset (POR)
VDD Rising
3.8
4.15
4.5
V
VDD Falling
3.6
3.95
4.3
V
Hysteresis
-
200
-
mV
VDD Rising & Falling
ENABLE INPUT
Logic Level Low Threshold (VIL)
-
-
0.8
V
Logic Level High Threshold (VIH)
2.0
-
-
V
Threshold Hysteresis
-
100
-
mV
Weak Pull-down impedance
-
100
-
kΩ
Rising Propagation Delay (TPDH)
-
40
-
ns
Falling Propagation Delay (TPDL)
-
75
-
ns
VDD = POR to 7.0V
PWM INPUT
Logic Level Low Threshold (VIL)
-
-
0.8
V
Logic Level High Threshold (VIH)
2.0
-
-
V
Threshold Hysteresis
-
100
-
mV
Weak Pull-down Impedance
-
100
-
kΩ
Rising Propagation Delay (TPDH)
-
60
-
ns
Falling Propagation Delay (TPDL)
-
30
-
ns
VDD = POR to 7.0V
Notes:
1. Must not exceed 7.5V.
2. Block temperature (TBLK) is defined as the highest Junction temperature within the package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com