Electronic Components Datasheet Search
  English  ▼

X  

IP2005CTRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IP2005CTRPBF
Description  Synchronous Buck Optimized LGA Power Block
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005CTRPBF Datasheet(HTML) 5 Page - International Rectifier

  IP2005CTRPBF Datasheet HTML 1Page - International Rectifier IP2005CTRPBF Datasheet HTML 2Page - International Rectifier IP2005CTRPBF Datasheet HTML 3Page - International Rectifier IP2005CTRPBF Datasheet HTML 4Page - International Rectifier IP2005CTRPBF Datasheet HTML 5Page - International Rectifier IP2005CTRPBF Datasheet HTML 6Page - International Rectifier IP2005CTRPBF Datasheet HTML 7Page - International Rectifier IP2005CTRPBF Datasheet HTML 8Page - International Rectifier IP2005CTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.irf.com
04/09/2009
5
iP2005CPbF
PD-60360
Typical Performance Curves
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
2.5
4
5.5
7
8.5
10
12
13
14
Input Voltage (V)
-2.2
-1.1
0.0
1.1
2.2
3.3
4.4
5.5
6.6
VD = 5.0V
VO = 1.3V
IO = 40A
FSW = 1MHz
LO = 300nH
TBLK = 125ºC
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
0.8
1.3
1.8
2.3
2.8
3.3
Output Voltage (V)
-2.0
-1.0
0.0
1.0
2.0
2.9
3.9
4.9
5.9
VI = 12.0V
VDD = 5.0V
IOUT = 40A
FSW = 1MHz
LO = 300nH
TBLK = 125ºC
Figure 3 Normalized Power Loss vs. Input Voltage
Figure 4 Normalized Power Loss vs. Output Voltage
0.98
0.99
1.00
1.01
1.02
1.03
1.04
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Output Inductance (µH)
-0.4
-0.2
0.0
0.2
0.4
0.7
0.9
VI = 12.0V
VDD = 5.0V
VO = 1.3V
IOUT = 40A
FSW = 1MHz
TBLK = 125ºC
0.7
0.8
0.9
1.0
1.1
1.2
250
500
750
1000
1250
1500
Switching Frequency (kHz)
-5.9
-3.9
-2.0
0.0
2.0
3.9
VI = 12.0V
VDD = 5.0V
VO = 1.3V
IOUT = 40A
LO = 300nH
TBLK = 125ºC
Figure 5 Normalized Power Loss vs. Inductance
Figure 6 Normalized Power Loss vs. Switching Frequency
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
4.50
4.75
5.00
5.50
6.00
6.50
7.00
Drive Voltage (V)
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
2.0
VI = 12.0V
VO = 1.3V
IO = 40A
FSW = 1MHz
LO = 300nH
TBLK = 125ºC
0
10
20
30
40
50
60
70
80
90
100
110
120
250
500
750
1000
1250
1500
Switching Frequency (kHz)
VI = 12.0V
VDD = 5.0V
VO = 1.3V
IOUT = 40A
LO = 300nH
TBLK = 125ºC
Figure 7 Normalized Power Loss vs. Drive Voltage
Figure 8 Max. Drive Current vs. Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com