Electronic Components Datasheet Search
  English  ▼

X  

IP2005CTRPBF Datasheet(PDF) 12 Page - International Rectifier

Part # IP2005CTRPBF
Description  Synchronous Buck Optimized LGA Power Block
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005CTRPBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IP2005CTRPBF Datasheet HTML 7Page - International Rectifier IP2005CTRPBF Datasheet HTML 8Page - International Rectifier IP2005CTRPBF Datasheet HTML 9Page - International Rectifier IP2005CTRPBF Datasheet HTML 10Page - International Rectifier IP2005CTRPBF Datasheet HTML 11Page - International Rectifier IP2005CTRPBF Datasheet HTML 12Page - International Rectifier IP2005CTRPBF Datasheet HTML 13Page - International Rectifier IP2005CTRPBF Datasheet HTML 14Page - International Rectifier IP2005CTRPBF Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
www.irf.com
04/09/2009
12
iP2005CPbF
PD-60360
VIN
1
PGND
3
VSW
2
VDD
4
ENABLE
6
PWM
5
N/C
7
N/C
8
C1x
C6x
U1
L1
PGND
PGND
VIN
VIN
VSW
Top Component Layer
C2
C3
VIN
VIN
VIN
PGND
PGND
PGND
C5
C6
C4
PGND
VIN
VIN
PGND
Bottom Component Layer
C1
PGND
VIN
Figure 14 Top & Bottom Component and Via Placement (Topside, Transparent view down)
PCB Layout Guidelines
The following guidelines are recommended to reduce the parasitic values and optimize overall
performance.
• All pads on the iP2005C footprint design need to be Solder-mask defined (see Figure 13).
Also refer to International Rectifier application notes AN1028 and AN1029 for further footprint
design guidance.
• Place as many vias around the Power pads (VIN, VSW, and PGND) for both electrical and optimal
thermal performance.
• A minimum of six 10µF, X5R, 16V ceramic capacitors per iP2005C are needed for greater
than 30A operation at 1MHz switching frequency. This will result in the lowest loss due to
input capacitor ESR.
• Placement of the ceramic input capacitors is critical to optimize switching performance. In
cases where there is a heatsink on the case of iP2005C, place all six ceramic capacitors right
underneath the iP2005C footprint (see Figure Bottom Component Layer). In cases where
there is no heatsink, C1 and C6 on the bottom layer may be moved to the C1x and C6x
locations (respectively) on the top component layer (see Figure Top Component Layer). In
both cases, C2 – C5 need to be placed right underneath the iP2005C PCB footprint.
• Dedicate at least two layers to PGND.
• Duplicate the Power Nodes on multiple layers (refer to AN1029).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com