Electronic Components Datasheet Search
  English  ▼

X  

IP2005CTRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IP2005CTRPBF
Description  Synchronous Buck Optimized LGA Power Block
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005CTRPBF Datasheet(HTML) 4 Page - International Rectifier

  IP2005CTRPBF Datasheet HTML 1Page - International Rectifier IP2005CTRPBF Datasheet HTML 2Page - International Rectifier IP2005CTRPBF Datasheet HTML 3Page - International Rectifier IP2005CTRPBF Datasheet HTML 4Page - International Rectifier IP2005CTRPBF Datasheet HTML 5Page - International Rectifier IP2005CTRPBF Datasheet HTML 6Page - International Rectifier IP2005CTRPBF Datasheet HTML 7Page - International Rectifier IP2005CTRPBF Datasheet HTML 8Page - International Rectifier IP2005CTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.irf.com
04/09/2009
4
iP2005CPbF
PD-60360
Power Loss Curve
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
Output Current(A)
Typical
Maximum
VI = 12V
VD = 5.0V
VO = 1.3V
FSW = 1MHz
LO = 300nH
TBLK = 125ºC
Figure 1 Power Loss Curve
SOA Curve
0
4
8
12
16
20
24
28
32
36
40
44
0
102030
4050
607080
90
100
110
120
130
PCB Temperature (ºC)
0
102030
4050
607080
90
100
110
120
130
VI = 12V
VD = 5.0V
VO = 1.3V
Fsw = 1MHz
LO = 300nH
Tx
Case Temperature (ºC)
Safe
Operating
Area
Figure 2 Safe Operating Area Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com