Electronic Components Datasheet Search
  English  ▼

X  

PAC5220 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # PAC5220
Description  Power Application Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5220 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button PAC5220 Datasheet HTML 12Page - Active-Semi, Inc PAC5220 Datasheet HTML 13Page - Active-Semi, Inc PAC5220 Datasheet HTML 14Page - Active-Semi, Inc PAC5220 Datasheet HTML 15Page - Active-Semi, Inc PAC5220 Datasheet HTML 16Page - Active-Semi, Inc PAC5220 Datasheet HTML 17Page - Active-Semi, Inc PAC5220 Datasheet HTML 18Page - Active-Semi, Inc PAC5220 Datasheet HTML 19Page - Active-Semi, Inc PAC5220 Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
PAC5220
Power Application Controller
Table 9-3. Application Specific Power Drivers Pin Description
PIN NAME
PIN NUMBER
TYPE
DESCRIPTION
DRB3
30
Analog
High-side gate driver bootstrap 3.
DRB4
33
Analog
High-side gate driver bootstrap 4.
DRB5
36
Analog
High-side gate driver bootstrap 5.
DRH3
29
Analog
High-side gate driver 3.
DRH4
32
Analog
High-side gate driver 4.
DRH5
35
Analog
High-side gate driver 5.
DRL0
25
Analog
Low-side gate driver 0.
DRL1
26
Analog
Low-side gate driver 1.
DRL2
27
Analog
Low-side gate driver 2.
DRS3
28
Analog
High-side gate driver source 3.
DRS4
31
Analog
High-side gate driver source 4.
DRS5
34
Analog
High-side gate driver source 5.
OHI6
37
OD, I
High-voltage open-drain driver and input 6.
OHI7
38
OD, I
High-voltage open-drain driver and input 7.
Table 9-4. I/O Ports Pin Description
PIN NAME
PIN NUMBER
FUNCTION
TYPE
DESCRIPTION
PC2/AD2
4
PC2
I/O
I/O port C2.
AD2
Analog ADC input 2.
PC3/AD3
3
PC3
I/O
I/O port C3.
AD3
Analog ADC input 3.
PC4/AD4
2
PC4
I/O
I/O port C4.
AD4
Analog ADC input 4.
PC5/AD5
1
PC5
I/O
I/O port C5.
AD5
Analog ADC input 5.
- 16 -
Rev 1.0‒February 25, 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com