Electronic Components Datasheet Search
  English  ▼

X  

PAC5220 Datasheet(PDF) 41 Page - Active-Semi, Inc

Part # PAC5220
Description  Power Application Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5220 Datasheet(HTML) 41 Page - Active-Semi, Inc

Back Button PAC5220 Datasheet HTML 37Page - Active-Semi, Inc PAC5220 Datasheet HTML 38Page - Active-Semi, Inc PAC5220 Datasheet HTML 39Page - Active-Semi, Inc PAC5220 Datasheet HTML 40Page - Active-Semi, Inc PAC5220 Datasheet HTML 41Page - Active-Semi, Inc PAC5220 Datasheet HTML 42Page - Active-Semi, Inc PAC5220 Datasheet HTML 43Page - Active-Semi, Inc PAC5220 Datasheet HTML 44Page - Active-Semi, Inc PAC5220 Datasheet HTML 45Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
PAC5220
Power Application Controller
12.4. Electrical Characteristics
Table 12-4. Gate Drivers Electrical Characteristics
(VP = 12V, VSYS = 5V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Low-Side Gate Drivers (DRLx Pins)
VOH,DRL
High-level output voltage
IDRLx = -50mA
VP−0.5
VP−0.25
V
VOL,DRL
Low-level output voltage
IDRLx = 50mA
0.175
0.35
V
IOHPK,DRL
High-level pulsed peak source current
10µs pulse
-1
A
IOLPK,DRL
Low-level pulsed peak sink current
10µs pulse
1
A
High-Side Gate Drivers (DRHx, DRBx and DRSx Pins)
VDRS
Level-shift driver source voltage range
Repetitive, 10µs pulse
-5
53
V
Steady state
0
52
VDRB
Bootstrap pin voltage range
Repetitive, 10µs pulse
5.2
65
V
Steady state
5.2
64
VBS;DRB
Bootstrap supply voltage range
VDRBx, relative to respective VDRSx
5.2
16
V
VUVLO;DRB
Bootstrap UVLO threshold
VDRBx rising, relative to respective VDRSx
,Hysteresis= 1V
4.1
5.2
V
IBS;DRB
Bootstrap circuit supply current
Gate Driver Disabled
23
35
µA
Gate Driver Enabled
30
45
IOS;DRB
Offset supply current
Gate Driver Disabled
0.5
10
µA
Gate Driver Enabled
220
300
VOH;DRH
High-level output voltage
IDRHx = -50mA
VDRBx−0.6
VDRBx
−0.25
V
VOL;DRH
Low-level output voltage
IDRHx = 50mA
VDRSx
+0.175
VDRSx
+0.35
V
IOHPK;DRH
High-level pulsed peak source current
10µs pulse
-1
A
IOLPK;DRH
Low-level pulsed peak sink current
10µs pulse
1
A
High-Side and Low-Side Gate Driver Propogation Delay
tPD
Propagation Delay
Delay setting 00
10
ns
Delay setting 01
50
ns
Delay setting 10
120
ns
Delay setting 11
250
ns
- 41 -
Rev 1.0‒February 25, 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com