Electronic Components Datasheet Search
  English  ▼

X  

PAC5220 Datasheet(PDF) 44 Page - Active-Semi, Inc

Part # PAC5220
Description  Power Application Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5220 Datasheet(HTML) 44 Page - Active-Semi, Inc

Back Button PAC5220 Datasheet HTML 40Page - Active-Semi, Inc PAC5220 Datasheet HTML 41Page - Active-Semi, Inc PAC5220 Datasheet HTML 42Page - Active-Semi, Inc PAC5220 Datasheet HTML 43Page - Active-Semi, Inc PAC5220 Datasheet HTML 44Page - Active-Semi, Inc PAC5220 Datasheet HTML 45Page - Active-Semi, Inc PAC5220 Datasheet HTML 46Page - Active-Semi, Inc PAC5220 Datasheet HTML 47Page - Active-Semi, Inc PAC5220 Datasheet HTML 48Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
PAC5220
Power Application Controller
Typical Performance Characteristics (Continued)
(VP = 12V, VSYS = 5V and TA = 25°C unless otherwise specified.)
- 44 -
Rev 1.0‒February 25, 2014
-40
0
40
80
120
500
400
300
200
100
0
High-Side Gate Driver (DRHx)
Turn-On Delay vs. Temperature
Temperature (°C)
00b setting (default)
11b setting
10b setting
C
L
= 1nF
01b setting
-40
0
40
80
120
500
400
300
200
100
0
High-Side Gate Driver (DRHx)
Turn-Off Delay vs. Temperature
Temperature (°C)
C
L
= 1nF
00b setting (default)
11b setting
10b setting
01b setting
0
20
40
60
80
100
4
3
2
1
0
OHIx Open-Drain Driver On State
Output Voltage vs. Output Current
Output Current (mA)
105°C
25°C
-30°C
105°C
25°C
-30°C
40mA mode
15mA mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com