Electronic Components Datasheet Search
  English  ▼

X  

PAC5220 Datasheet(PDF) 63 Page - Active-Semi, Inc

Part # PAC5220
Description  Power Application Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5220 Datasheet(HTML) 63 Page - Active-Semi, Inc

Back Button PAC5220 Datasheet HTML 59Page - Active-Semi, Inc PAC5220 Datasheet HTML 60Page - Active-Semi, Inc PAC5220 Datasheet HTML 61Page - Active-Semi, Inc PAC5220 Datasheet HTML 62Page - Active-Semi, Inc PAC5220 Datasheet HTML 63Page - Active-Semi, Inc PAC5220 Datasheet HTML 64Page - Active-Semi, Inc PAC5220 Datasheet HTML 65Page - Active-Semi, Inc PAC5220 Datasheet HTML 66Page - Active-Semi, Inc PAC5220 Datasheet HTML 67Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
PAC5220
Power Application Controller
18.5. Dynamic Characteristics
Table 18-1. Serial Interface Dynamic Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, VCC18 = 1.8V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
I2C
fI2CCLK
I2C input clock frequency
Standard mode (100kHz)
2.8
MHz
Fast mode (400kHz)
2.8
MHz
Fast mode plus (1MHz)
6.14
MHz
UART
fUARTCLK
UART input clock frequency
fHCLK/16
MHz
UART baud rate
fHCLK = 50MHz
3.125
Mbps
SPI
fSPICLK
SPI input clock frequency
Master mode
fHCLK/2
MHz
Slave mode
fHCLK/2
MHz
- 63 -
Rev 1.0‒February 25, 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com