Electronic Components Datasheet Search
  English  ▼

X  

WF121 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # WF121
Description  Wi-Fi MODULE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WF121 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button WF121 Datasheet HTML 9Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 10Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 11Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 12Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 13Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 14Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 15Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 16Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Bluegiga Technologies Oy
Page 13 of 41
5.3
I
2C/SPI
Pad number
I
2C
SPI
17
SS4
– Slave select SPI 4
19
SCK4 - Clock SPI 4
29
SCL3
– Clock I
2C 3
SDO3
– Data out SPI 3
32
SDA3
– Data I
2C 3
SDI3
– Data in SPI 3
35
SDA5
– Data I
2C 5
SDI4
– Data in SPI 4
36
SCL5
– Clock I
2C 5
SDO4
– Data out SPI 4
44
SDA1
– Data I
2C 1
SS3
– Slave select SPI 3
46
SCL1
– Clock I
2C 1
47
SCK3
– Clock SPI 3
Table 4: Pads for I2C and SPI
Up to three I
2C-ports and up to two SPI ports can be implemented, mostly multiplexed on the same pins
together and with the UART signals. The I
2C ports support 100 kHz and 400 kHz speed specifications, while
the SPI can be operated at up to 40 Mbps. The SPI ports are also available for use as a host connection for
use with an external microcontroller.
For details on the SPI/I2C hardware, please refer to Microchip documentation on SPI and I2C.
To see what other functions are present on the same pins, please refer to Table 2.
5.4
USB On-The-Go
Pad number
Function
Description
18
OTG_ID
USB-OTG mode identify line
25
VBUS
USB bus supply input
27
D-
Data -
28
D+
Data +
24
VBUSON
USB bus supply switch enable in host mode
Table 5: USB pads
The module contains a USB-OTG system with an integrated transceiver. Full Speed (12 Mbps) USB 2.0
profile is supported in device mode, while the host system can operate in Low Speed and Full Speed modes.
For host use an external switch can be implemented to provide switched power for the connected device. Pad
number 24 can be dedicated to control this switch. The USB device can be used as a host connection,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com