Electronic Components Datasheet Search
  English  ▼

X  

WF121 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # WF121
Description  Wi-Fi MODULE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WF121 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button WF121 Datasheet HTML 17Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 18Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 19Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 20Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 21Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 22Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 23Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 24Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Bluegiga Technologies Oy
Page 21 of 41
8
Firmware
WF121 incorporates firmware which implements a full TCP/IP stack and Wi-Fi management. Exact features
will depend on the firmware version used. Please see the documentation of the firmware for exact details.
There are three main ways to use the module: Host controlled, script controlled or native application
controlled.
Host controlled means an external host is physically connected to the module and it sends simple commands
to the module and one of several different host interfaces can be used. The module provides high level APIs
for managing Wi-Fi as well as data connections. Bluegiga provides a thin API layer (BGLib) written in ANSI C
for the host which can take care of creating and parsing the messages sent over the transport. For evaluation
purposes GUI tools and a library for python are also provided.
IP
BGAPI
802.2 LLC
802.11 MAC
UART / USB / SPI
Host
UDP
TCP
BGLib
(implements BGAPI)
Application
MLME
802.11 PHY
HTTP, FTP,
SMTP etc.
DHCP, TFTP,
DNS etc.
Figure 3: WF121 software
Data can be routed either through the API or through another physical interface. For example if the first UART
is used for sending and receiving command events, a TCP/IP socket can be bound to the second UART and
data written to the UART will seamlessly be passed to the TCP/IP socket. For information about the latest
capabilities of the firmware, please refer to the WF121 API reference documentation accompanying it.
The module can also be controlled by a script running on the module. This is especially useful for simple
applications as it eliminates the need for a host controller and can drastically cut development time. In
combination with a host it can also be used automate certain features such as the serial to TCP/IP
functionality described above.
Native application development is also possible as the stack will not require all of the available flash or
memory. Please see the material accompanying the firmware release about more details of this option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com