Electronic Components Datasheet Search
  English  ▼

X  

WF121 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WF121
Description  Wi-Fi MODULE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WF121 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WF121 Datasheet HTML 5Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 6Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 7Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 8Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 9Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 10Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 11Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 12Page - List of Unclassifed Manufacturers WF121 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Bluegiga Technologies Oy
Page 9 of 41
PAD#
GPIO
I2C
SPI
UART
Ethernet
Timer
USB
Analog
Prog.
Parallel
Other
2
RB15
CN12
EMDC
OCFB
AN15
PMA0
PMLL
3
RE0
ERXD1
PMD0
4
RE1
ERXD0
PMD1
5
RE2
ECRSDV
PMD2
6
RE3
EREFCL
K
PMD3
7
RE4
ERXERR
PMD4
10
RE5
ETXEN
PMD5
11
RE6
ETXD0
PMD6
12
RE7
ETXD1
PMD7
14
RB1
CN3
AN1
PGEC1
15
RB0
CN2
AN0
PGED1
PMA6
17
RB8
SS4
nU2CTS
U5RX
C1OUT
AN8
18
RF3
OTG_ID
19
RB14
SCK4
nU2RTS
U5TX
AN14
PMA1
PMALH
20
RB13
AN13
TDI
PMA10
21
RB12
AN12
TCK
PMA11
22
RB11
AN11
TDO
PMA12
23
RB10
AN10
TMS
PMA13
24
RB5
CN 7
VBUSON
AN5
27
RG3 (input)
D-
28
RG2 (input)
D+
29
RD3
SCL3
SDO3
U1TX
OC4
30
RC12
OSC1
31
RC15
OSC2
32
RD2
SDA3
SDI3
U1RX
OC3
33
RC13
CN 1
SOSCI
34
RC14
CN0
T1CK
SOSCO
35
RF4
CN17
SDA5
SDI4
U2RX
PMA9
36
RF5
CN18
SCL5
SDO4
U2TX
PMA8
37
RD11
INT4
IC4
PMA14
BT_PERIODIC
38
RD0
INT0
OC1
WLAN_DENY
39
RD4
IC5/OC5
PMWR
BT_STATUS
41
RD5
PMRD
BT_ACTIVE
42
RD6
CN15
ETXERR
43
RD7
CN16
44
RD9
INT2
SDA1
SS3
nU1CTS
U4RX
IC2
46
RD10
INT3
SCL1
IC3
PMA15
47
RD1
SCK3
nU1RTS
U4TX
EMDIO
OC2
Table 2: Multifunction pad descriptions
Note: 5V tolerant pads are marked with orange. CN pins support pull-up, pull-down and GPIO notifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com