Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4513 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 17Page - Texas Instruments THS4513 Datasheet HTML 18Page - Texas Instruments THS4513 Datasheet HTML 19Page - Texas Instruments THS4513 Datasheet HTML 20Page - Texas Instruments THS4513 Datasheet HTML 21Page - Texas Instruments THS4513 Datasheet HTML 22Page - Texas Instruments THS4513 Datasheet HTML 23Page - Texas Instruments THS4513 Datasheet HTML 24Page - Texas Instruments THS4513 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
t − Time − 500ps/div
V
=1V
OD
step
VOD − DifferentialOutputVoltage-VSTEP
0
500
1000
1500
2000
2500
3000
3500
4000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Falling
Rising
−5
−4
−3
−2
−1
0
1
2
3
4
5
t − Time
500ps/div
−
V
=1V
OD
step
0
0.5
1
1.5
2
2.5
0
100
1000
R -LoadResistance-
L
W
t − Time
200ns/div
−
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
Input
Output
f − Frequency − MHz
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
1000
CMRR
PSRR−
PSRR+
THS4509
www.ti.com
SLOS454H – JANUARY 2005 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS: VS+ – VS– = 3 V (continued)
Test conditions at VS+ = +1.5 V, VS– = –1.5 V, CM = open, VOD = 1 VPP, RF = 349 Ω, RL = 200-Ω differential, G = 10 dB,
single-ended input, and input and output referenced to midrail, unless otherwise noted.
TRANSITION RATE vs OUTPUT VOLTAGE
TRANSIENT RESPONSE
Figure 62.
Figure 63.
SETTLING TIME
OUTPUT VOLTAGE SWING vs LOAD RESISTANCE
Figure 64.
Figure 65.
REJECTION RATIO vs FREQUENCY
OVERDRIVE RECOVERY
Figure 66.
Figure 67.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS4509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com