Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4513 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments THS4513 Datasheet HTML 13Page - Texas Instruments THS4513 Datasheet HTML 14Page - Texas Instruments THS4513 Datasheet HTML 15Page - Texas Instruments THS4513 Datasheet HTML 16Page - Texas Instruments THS4513 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
−5
−4
−3
−2
−1
0
1
2
3
4
5
t − Time − 500ps/div
V
= 2 V
OD
step
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
f − Frequency − MHz
PSRR−
PSRR+
CMRR
−5
−4
−3
−2
−1
0
1
2
3
4
5
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
Input
Output
t − Time
200ns/div
−
0.1
1
10
100
0.1
1
10
100
1000
f − Frequency− MHz
0
0.4
0.8
1.2
1.6
2
0
1
2
3
4
5
t − ime
T
2 s/div
m
−
PD
Output
0
1
2
3
4
5
6
7
10
100
1000
R -LoadResistance-
L
W
THS4509
www.ti.com
SLOS454H – JANUARY 2005 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS: VS+ – VS– = 5 V (continued)
Test conditions at VS+ = +2.5 V, VS– = –2.5V, CM = open, VO = 2 VPP, RF = 349 Ω, RL = 200-Ω differential, G = 10 dB,
single-ended input, and input and output referenced to midrail, unless otherwise noted.
SETTLING TIME
REJECTION RATIO vs FREQUENCY
Figure 25.
Figure 26.
OUTPUT IMPEDANCE vs FREQUENCY
OVERDRIVE RECOVERY
Figure 27.
Figure 28.
OUTPUT VOLTAGE SWING vs LOAD RESISTANCE
TURN-OFF TIME
Figure 29.
Figure 30.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com