Electronic Components Datasheet Search
  English  ▼

X  

THS4513 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4513 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 3Page - Texas Instruments THS4513 Datasheet HTML 4Page - Texas Instruments THS4513 Datasheet HTML 5Page - Texas Instruments THS4513 Datasheet HTML 6Page - Texas Instruments THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
THS4509
www.ti.com
SLOS454H – JANUARY 2005 – REVISED NOVEMBER 2009
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 3 V (continued)
Test conditions at VS+ = +1.5 V, VS– = –1.5 V, G = 10 dB, CM = open, VO = 1 VPP, RF = 349 Ω, RL = 200-Ω differential,
TA = +25°C, single-ended input, differential output, and input and output referenced to midsupply, unless otherwise noted.
THS4509
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
INPUT
Common-mode input range high
0.4
V
Common-mode input range low
–0.4
B
Common-mode rejection ratio
80
dB
Differential input impedance
1.3 || 1.8
M
Ω || pF
C
Common-mode input impedance
1.0 || 2.3
M
Ω || pF
C
OUTPUT
Maximum output voltage high
TA = +25°C
0.45
V
Each output with 100
Ω
to midsupply
Minimum output voltage low
TA = +25°C
–0.45
V
Differential output voltage swing
1.8
V
C
Differential output current drive
RL = 10 Ω
50
mA
Output balance error
VO = 100 mV, f = 1 MHz
–49
dB
Closed-loop output impedance
f = 1 MHz
0.3
Ω
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-signal bandwidth
570
MHz
Slew rate
60
V/
μs
Gain
1
V/V
Output common-mode offset
1.25 V < CM < 3.5 V
4
mV
from CM input
C
CM input bias current
1.25 V < CM < 3.5 V
±40
μA
CM input voltage range
–1.5 to 1.5
V
CM input impedance
20 || 1
k
Ω || pF
CM default voltage
0
V
POWER SUPPLY
Specified operating voltage
3
V
C
Quiescent current
TA = +25°C
34.8
mA
A
Power-supply rejection (±PSRR)
70
dB
C
POWER-DOWN
Referenced to VS–
Enable voltage threshold
Assured on above 2.1 V + VS–
> 2.1 + VS–
V
Disable voltage threshold
Assured off below 0.7 V + VS–
< 0.7 + VS-
V
Power-down quiescent current
0.46
mA
Input bias current
PD = VS–
65
μA
C
Input impedance
50 || 2
k
Ω || pF
Turn-on time delay
Measured to output on
100
ns
Turn-off time delay
Measured to output off
10
μs
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com