Electronic Components Datasheet Search
  English  ▼

X  

IR2213 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2213
Description  High and Low Side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2213 Datasheet(HTML) 3 Page - International Rectifier

  IR2213 Datasheet HTML 1Page - International Rectifier IR2213 Datasheet HTML 2Page - International Rectifier IR2213 Datasheet HTML 3Page - International Rectifier IR2213 Datasheet HTML 4Page - International Rectifier IR2213 Datasheet HTML 5Page - International Rectifier IR2213 Datasheet HTML 6Page - International Rectifier IR2213 Datasheet HTML 7Page - International Rectifier IR2213 Datasheet HTML 8Page - International Rectifier IR2213 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IR2213(S)PBF
3
www.irf.com
© 2014 International Rectifier
February 4, 2014
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are
measured under board mounted and still air conditions.
Recommended Operating Conditions
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating Supply Voltage
-0.3
1225
V
VS
High Side Floating Supply Offset Voltage
VB - 25
VB + 0.3
VHO
High Side Floating Output Voltage
VS - 0.3
VB + 0.3
VCC
Low Side Fixed Supply Voltage
-0.3
25
VLO
Low Side Output Voltage
-0.3
VCC + 0.3
VDD
Logic Supply Voltage
-0.3
VSS + 25
VSS
Logic Supply Offset Voltage
VCC - 25
VCC + 0.3
VIN
Logic Input Voltage (HIN, LIN & SD)
VSS - 0.3
VDD + 0.3
dVs/dt
Allowable Offset Supply Voltage Transient (Figure 2)
—
50
V/ns
PD
Package Power Dissipation
@ TA ≤ +25˚C
@ TA
≥ +25°C
(14 Lead PDIP)
(14 Lead PIDP)
—
1.6
W
(16 Lead SOIC)
—
1.25
RTHJA
Thermal Resistance, Junction to
Ambient
(14 Lead PDIP)
(14 Lead PDIP)
—
75
°C/W
(16 Lead SOIC)
—
100
TJ
Junction Temperature
—
125
°C
TS
Storage Temperature
-55
150
TL
Lead Temperature (Soldering, 10 seconds)
—
300
The Input / Output logic timing diagram is shown in Figure 1. For proper operation the device should be used
within the recommended conditions. The VS and VSS offset ratings are tested with all supplies biased at 15 V
differential.
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating Supply Absolute Voltage
VS + 12
VS + 20
V
VS
High Side Floating Supply Offset Voltage
†
1200
VHO
High Side Floating Output Voltage
VS
VB
VCC
Low Side Fixed Supply Voltage
12
20
VLO
Low Side Output Voltage
0
VCC
VDD
Logic Supply Voltage
VSS + 3
VSS + 20
VSS
Logic Supply Offset Voltage
-5
††
5
VIN
Logic Input Voltage (HIN, LIN & SD)
VSS
VDD
†
Logic operational for VS of -5 to +1200V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip DT97-
3 for more details).
††
When VDD<5V, the minimum VSS offset is limited to -VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com