Electronic Components Datasheet Search
  English  ▼

X  

IR2213 Datasheet(PDF) 12 Page - International Rectifier

Part # IR2213
Description  High and Low Side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2213 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2213 Datasheet HTML 8Page - International Rectifier IR2213 Datasheet HTML 9Page - International Rectifier IR2213 Datasheet HTML 10Page - International Rectifier IR2213 Datasheet HTML 11Page - International Rectifier IR2213 Datasheet HTML 12Page - International Rectifier IR2213 Datasheet HTML 13Page - International Rectifier IR2213 Datasheet HTML 14Page - International Rectifier IR2213 Datasheet HTML 15Page - International Rectifier IR2213 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
IR2213(S)PBF
12
www.irf.com
© 2014 International Rectifier
February 4, 2014
Figure 19. Maximum VS Negative Offset vs. VBS Supply
Voltage
Figure 20. Maximum VSS Positive Offset vs. VCC Supply
Voltage
Figure 21. IR2213S vs. Frequency (IRFBC20)
Rgate=33Ω, VCC=15V
Figure 22. IR2213S vs. Frequency (IRFBC30)
Rgate=22Ω, VCC=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com