Electronic Components Datasheet Search
  English  ▼

X  

IR2213 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2213
Description  High and Low Side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2213 Datasheet(HTML) 4 Page - International Rectifier

  IR2213 Datasheet HTML 1Page - International Rectifier IR2213 Datasheet HTML 2Page - International Rectifier IR2213 Datasheet HTML 3Page - International Rectifier IR2213 Datasheet HTML 4Page - International Rectifier IR2213 Datasheet HTML 5Page - International Rectifier IR2213 Datasheet HTML 6Page - International Rectifier IR2213 Datasheet HTML 7Page - International Rectifier IR2213 Datasheet HTML 8Page - International Rectifier IR2213 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
IR2213(S)PBF
4
www.irf.com
© 2014 International Rectifier
February 4, 2014
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15 V, CL = 1000 pF, TA = 25 °C and VSS = COM unless otherwise specified. The dynamic
electrical characteristics are measured using the test circuit shown in Figure 3.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
ton
Turn-On Propagation Delay
—
280
—
ns
VS = 0V
toff
Turn-Off Propagation Delay
—
225
—
VS = 1200V
tsd
Shutdown Propagation Delay
—
230
—
VS = 1200V
tr
Turn-On Rise Time
—
25
—
tf
Turn-Off Fall Time
—
17
—
MT
Delay Matching, HS & LS Turn-
On/Off
—
—
30
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15 V, TA = 25 °C and VSS = COM unless otherwise specified. The VIN, VTH and IIN
parameters are referenced to VSS and are applicable to all three logic input leads: HIN, LIN and SD. The VO and
IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
VIH
Logic
―1‖ Input Voltage
9.5
—
—
V
VIL
Logic
―0‖ Input Voltage
—
—
6.0
VOH
High Level Output Voltage, VBIAS - VO
—
—
1.2
IO = 0A
VOL
Low Level Output Voltage, VO
—
—
0.1
IO = 0A
ILK
Offset Supply Leakage Current
—
—
50
µA
VB = VS = 1200V
IQBS
Quiescent VBS Supply Current
—
125
230
VIN = 0V or VDD
IQCC
Quiescent VCC Supply Current
—
180
340
VIN = 0V or VDD
IQDD
Quiescent VDD Supply Current
—
15
30
VIN = 0V or VDD
IIN+
Logic
―1‖ Input Bias Current
—
20
40
VIN = VDD
IIN-
Logic
―0‖ Input Bias Current
—
—
1.0
VIN = 0V
VBSUV+
VBS Supply Undervoltage Positive
Going Threshold
8.7
10.2
11.7
V
VBSUV-
VBS Supply Undervoltage Negative
Going Threshold
7.9
9.3
10.7
VCCUV+
VCC Supply Undervoltage Positive
Going Threshold
8.7
10.2
11.7
VCCUV-
VCC Supply Undervoltage Negative
Going Threshold
7.9
9.3
10.7
IO+
Output High Short Circuit Pulsed
Current
1.7
2.0
—
A
VO = 0V, VIN = VDD
PW
≤ 10 µs
IO-
Output Low Short Circuit Pulsed
Current
2.0
2.5
—
VO = 15V, VIN = 0V
PW
≤ 10 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com