Electronic Components Datasheet Search
  English  ▼

X  

IR2213 Datasheet(PDF) 7 Page - International Rectifier

Part # IR2213
Description  High and Low Side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2213 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR2213 Datasheet HTML 3Page - International Rectifier IR2213 Datasheet HTML 4Page - International Rectifier IR2213 Datasheet HTML 5Page - International Rectifier IR2213 Datasheet HTML 6Page - International Rectifier IR2213 Datasheet HTML 7Page - International Rectifier IR2213 Datasheet HTML 8Page - International Rectifier IR2213 Datasheet HTML 9Page - International Rectifier IR2213 Datasheet HTML 10Page - International Rectifier IR2213 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
IR2213(S)PBF
7
www.irf.com
© 2014 International Rectifier
February 4, 2014
Application Information and Additional Information
OUTPUT
MONITOR
HO
10µF
0.1µF
VCC = 15V
10KF6
0.1µF
10KF6
10KF6
200µH
+ 100µF
IRF820
HV = 10 to 1200V
dVS
dt
<50 V/ns
VB
VCC
VDD
HIN
SD
LIN
LO
HO
VS
COM
VSS
Figure 1. Input / Output Timing Diagram
Figure 2. Floating Supply Voltage Transient Test Circuit
HO
10µF
0.1µF
VCC = 15V
0.1µF
VB
VCC
VDD
HIN
SD
LIN
LO
HO
VS
COM
VSS
HIN
SD
LIN
LO
CL
CL
10µF
+
-
15V
VB
VS
(0 to 1200V)
10µF
Figure 3. Switching Time Test Circuit
Figure 4. Switching Time Waveform Definition
Figure 5. Shutdown Waveform Definitions
Figure 6. Delay Matching Waveform Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com