Electronic Components Datasheet Search
  English  ▼

X  

ADC12DC080 Datasheet(PDF) 16 Page - Texas Instruments

Part # ADC12DC080
Description  Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DC080 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC12DC080 Datasheet HTML 12Page - Texas Instruments ADC12DC080 Datasheet HTML 13Page - Texas Instruments ADC12DC080 Datasheet HTML 14Page - Texas Instruments ADC12DC080 Datasheet HTML 15Page - Texas Instruments ADC12DC080 Datasheet HTML 16Page - Texas Instruments ADC12DC080 Datasheet HTML 17Page - Texas Instruments ADC12DC080 Datasheet HTML 18Page - Texas Instruments ADC12DC080 Datasheet HTML 19Page - Texas Instruments ADC12DC080 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ADC12DC080
SNAS405B – SEPTEMBER 2007 – REVISED NOVEMBER 2008
www.ti.com
FUNCTIONAL DESCRIPTION
Operating on a single +3.0V supply, the ADC12DC080 digitizes two differential analog input signals to 12 bits,
using a differential pipelined architecture with error correction circuitry and an on-chip sample-and-hold circuit to
ensure maximum performance. The user has the choice of using an internal 1.2V stable reference, or using an
external 1.2V reference. Any external reference is buffered on-chip to ease the task of driving that pin. Duty cycle
stabilization and output data format are selectable using the quad state function OF/DCS pin (pin 19). The output
data can be set for offset binary or two's complement.
Applications Information
OPERATING CONDITIONS
We recommend that the following conditions be observed for operation of the ADC12DC080:
2.7V
≤ VA ≤ 3.6V
2.4V
≤ VDR ≤ VA
20 MHz
≤ fCLK ≤ 80 MHz
1.2V internal reference
VREF = 1.2V (for an external reference)
VCM = 1.5V (from VCMO)
ANALOG INPUTS
Signal Inputs
Differential Analog Input Pins
The ADC12DC080 has a pair of analog signal input pins for each of two channels. VIN+ and VIN− form a
differential input pair. The input signal, VIN, is defined as:
VIN = (VIN+) – (VIN−)
(4)
Figure 17 shows the expected input signal range. Note that the common mode input voltage, VCM, should be
1.5V. Using VCMO (pins 7,9) for VCM will ensure the proper input common mode level for the analog input signal.
The positive peaks of the individual input signals should each never exceed 2.6V. Each analog input pin of the
differential pair should have a maximum peak-to-peak voltage of 1V, be 180° out of phase with each other and
be centered around VCM.The peak-to-peak voltage swing at each analog input pin should not exceed the 1V or
the output data will be clipped.
Figure 17. Expected Input Signal Range
For single frequency sine waves the full scale error in LSB can be described as approximately:
EFS = 4096 ( 1 - sin (90° + dev))
(5)
16
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: ADC12DC080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com