Electronic Components Datasheet Search
  English  ▼

X  

ADC12DC080 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC12DC080
Description  Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DC080 Datasheet(HTML) 1 Page - Texas Instruments

  ADC12DC080 Datasheet HTML 1Page - Texas Instruments ADC12DC080 Datasheet HTML 2Page - Texas Instruments ADC12DC080 Datasheet HTML 3Page - Texas Instruments ADC12DC080 Datasheet HTML 4Page - Texas Instruments ADC12DC080 Datasheet HTML 5Page - Texas Instruments ADC12DC080 Datasheet HTML 6Page - Texas Instruments ADC12DC080 Datasheet HTML 7Page - Texas Instruments ADC12DC080 Datasheet HTML 8Page - Texas Instruments ADC12DC080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
12-Bit Pipelined
ADC Core
Output
Buffers
Reference
A
Reference
B
Timing
Generation
VINA
2
12
12
DA0-DA11
CHANNEL A
12-Bit Pipelined
ADC Core
Output
Buffers
VINB
2
12
DB0-DB11
CHANNEL B
DRDY
CLK
VREF
Ref.Decoupling
Ref.Decoupling
3
3
12
ADC12DC080
www.ti.com
SNAS405B – SEPTEMBER 2007 – REVISED NOVEMBER 2008
ADC12DC080 Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
Check for Samples: ADC12DC080
1
FEATURES
DESCRIPTION
The ADC12DC080 is a high-performance CMOS
2
•
Internal Sample-and-Hold Circuit and Precision
analog-to-digital converter capable of converting two
Reference
analog input signals into 12-bit digital words at rates
•
Low Power Consumption
up to 80 Mega Sample Per Second (MSPS). These
•
Clock Duty Cycle Stabilizer
converters uses a differential, pipelined architecture
with digital error correction and an on-chip sample-
•
Single +3.0V Supply Operation
and-hold circuit to minimize power consumption and
•
Power-Down Mode
the
external
component
count,
while
providing
•
Offset Binary or 2's Complement Output Data
excellent dynamic performance. A unique sample-
Format
and-hold stage yields a full-power bandwidth of 1
GHz. The ADC12DC080 may be operated from a
•
60-Pin WQFN Package, (9x9x0.8mm, 0.5mm
single +3.0V power supply. A power-down feature
Pin-Pitch)
reduces the power consumption to very low levels
while still allowing fast wake-up time to full operation.
APPLICATIONS
The differential inputs provide a 2V full scale
differential input swing. A stable 1.2V internal voltage
•
High IF Sampling Receivers
reference is provided, or the ADC12DC080 can be
•
Wireless Base Station Receivers
operated with an external 1.2V reference. Output
•
Test and Measurement Equipment
data format (offset binary versus 2's complement)
•
Communications Instrumentation
and duty cycle stabilizer are pin-selectable. The duty
cycle stabilizer maintains performance over a wide
•
Portable Instrumentation
range of clock duty cycles.
KEY SPECIFICATIONS
The ADC12DC080 is available in a 60-lead WQFN
package and operates over the industrial temperature
•
Resolution 12 Bits
range of
−40°C to +85°C.
•
Conversion Rate 80 MSPS
•
SNR (fIN = 170 MHz) 69.5 dBFS (typ)
•
SFDR (fIN = 170 MHz) 83 dBFS (typ)
•
Full Power Bandwidth 1 GHz (typ)
•
Power Consumption 600 mW (typ)
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC12DC080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC12DC080CISQ NSC-ADC12DC080CISQ Datasheet
343Kb / 14P
Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
More results

Similar Description - ADC12DC080

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432 AD-AD9432 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
logo
National Semiconductor ...
ADC14DC080 NSC-ADC14DC080 Datasheet
342Kb / 14P
Dual 14-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
logo
Hittite Microwave Corpo...
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
Dual 13/12-Bit 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105 Datasheet
390Kb / 22P
ADC12DC105 Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105_14 Datasheet
570Kb / 24P
Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
ADC14DC080 TI1-ADC14DC080 Datasheet
1Mb / 27P
80 MSPS A/D Converter with CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com