Electronic Components Datasheet Search
  English  ▼

X  

ADC12DC080 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC12DC080
Description  Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DC080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12DC080 Datasheet HTML 2Page - Texas Instruments ADC12DC080 Datasheet HTML 3Page - Texas Instruments ADC12DC080 Datasheet HTML 4Page - Texas Instruments ADC12DC080 Datasheet HTML 5Page - Texas Instruments ADC12DC080 Datasheet HTML 6Page - Texas Instruments ADC12DC080 Datasheet HTML 7Page - Texas Instruments ADC12DC080 Datasheet HTML 8Page - Texas Instruments ADC12DC080 Datasheet HTML 9Page - Texas Instruments ADC12DC080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC12DC080
SNAS405B – SEPTEMBER 2007 – REVISED NOVEMBER 2008
www.ti.com
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 80 MHz, VCM = VCMO, CL = 5 pF/pin. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤
TMAX. All other limits apply for TA = 25°C
(1) (2)
Typical
Units
Symbol
Parameter
Conditions
Limits
(3)
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits (min)
1.2
LSB (max)
INL
Integral Non Linearity (4)
±0.5
-1.2
LSB (min)
0.5
LSB (max)
DNL
Differential Non Linearity
±0.2
-0.5
LSB (min)
PGE
Positive Gain Error
-0.1
±1
%FS (max)
NGE
Negative Gain Error
0.1
±1
%FS (max)
TC PGE
Positive Gain Error Tempco
−40°C ≤ TA ≤ +85°C
-3
ppm/°C
TC NGE
Negative Gain Error Tempco
−40°C ≤ TA ≤ +85°C
-7
ppm/°C
VOFF
Offset Error
-.02
±0.55
%FS (max)
TC VOFF
Offset Error Tempco
−40°C ≤ TA ≤ +85°C
-4
ppm/°C
Under Range Output Code
0
0
Over Range Output Code
4095
4095
REFERENCE AND ANALOG INPUT CHARACTERISTICS
1.45
V (min)
VCMO
Common Mode Output Voltage
1.5
1.56
V (max)
1.4
V (min)
VCM
Analog Input Common Mode Voltage
1.5
1.6
V (max)
(CLK LOW)
8.5
pF
VIN Input Capacitance (each pin to GND) VIN = 1.5 Vdc ± 0.5
CIN
(5)
V
(CLK HIGH)
3.5
pF
1.176
V (min)
VREF
Internal Reference Voltage
1.20
1.224
V (max)
TC VREF
Internal Reference Voltage Tempco
−40°C ≤ TA ≤ +85°C
18
ppm/°C
VRP
Internal Reference Top(6)
2
V
VRN
Internal Reference Bottom(6)
1
V
0.89
V (Min)
Internal Reference Accuracy
(VRP-VRN)
1
1.06
V (max)
EXT
1.176
V (Min)
External Reference Voltage(6)
1.2
VREF
1.224
V (max)
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 under Absolute Maximum Ratings. However, errors in the A/D conversion can occur if the input goes above
2.6V or below GND as described in the Operating Ratings section.
(2)
With a full scale differential input of 2VP-P , the 12-bit LSB is 488 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(4)
Integral Non Linearity is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through
positive and negative full-scale.
(5)
The input capacitance is the sum of the package/pin capacitance and the sample and hold circuit capacitance.
(6)
This parameter is specified by design and/or characterization and is not tested in production.
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: ADC12DC080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com