Electronic Components Datasheet Search
  English  ▼

X  

SF2094B Datasheet(PDF) 7 Page - RF Monolithics, Inc

Part # SF2094B
Description  380.00 MHz SAW Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2094B Datasheet(HTML) 7 Page - RF Monolithics, Inc

Back Button SF2094B Datasheet HTML 3Page - RF Monolithics, Inc SF2094B Datasheet HTML 4Page - RF Monolithics, Inc SF2094B Datasheet HTML 5Page - RF Monolithics, Inc SF2094B Datasheet HTML 6Page - RF Monolithics, Inc SF2094B Datasheet HTML 7Page - RF Monolithics, Inc SF2094B Datasheet HTML 8Page - RF Monolithics, Inc SF2094B Datasheet HTML 9Page - RF Monolithics, Inc SF2094B Datasheet HTML 10Page - RF Monolithics, Inc SF2094B Datasheet HTML 11Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 7 of 12
©2008 by RF Monolithics, Inc.
SF2094B - 4/2/08
COVER TAPE SIZE
KO
COVER TAPE
0.32 mm ±0.3
2.15 mm ±0.2
W
(CARRIER TAPE SIZE)
AO
BO
P
(PITCH)
1.5 mm +0.1
-0.0
4.0 mm ±0.1
2.0 mm ±0.1
1.75 mm ±0.1
7.5 mm ±0.1
1.5 mm +0.3
-0.0
PIN #1
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
5.5 mm
±0.1
Bo
7.5 mm
±0.1
Ko
2.0 mm
±0.1
Pitch
8.0 mm
±0.1
W
16.0 mm
±0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com