Electronic Components Datasheet Search
  English  ▼

X  

SF2094B Datasheet(PDF) 9 Page - RF Monolithics, Inc

Part # SF2094B
Description  380.00 MHz SAW Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2094B Datasheet(HTML) 9 Page - RF Monolithics, Inc

Back Button SF2094B Datasheet HTML 4Page - RF Monolithics, Inc SF2094B Datasheet HTML 5Page - RF Monolithics, Inc SF2094B Datasheet HTML 6Page - RF Monolithics, Inc SF2094B Datasheet HTML 7Page - RF Monolithics, Inc SF2094B Datasheet HTML 8Page - RF Monolithics, Inc SF2094B Datasheet HTML 9Page - RF Monolithics, Inc SF2094B Datasheet HTML 10Page - RF Monolithics, Inc SF2094B Datasheet HTML 11Page - RF Monolithics, Inc SF2094B Datasheet HTML 12Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 9 of 12
©2008 by RF Monolithics, Inc.
SF2094B - 4/2/08
Additional items
(1) Cover tape peeling strength
The cover tape shall be adhered evenly to the carrier tape along both sides in the pulling direction.
The cover tape peeling strength shall be as follows for an angle between the cover tape and the pulling
direction of 165° to 180° (see the figure) and a peeling speed of 300mm/min. ±10mm/min.
[EIA-481] 0.1N to 1.3N for a tape width of 12 to 56mm
Tape material
(1) Carrier tape [anti-charging treatment: carbon used] Surface resistivity: 1 x 108 or less
Material: Polystyrene or Polycarbonate
(2) Cover tape material: Polyester (anti-charging treated) Surface resistivity: 1 x 1012 or less
t = 50 to 100µm width = 13.3mm
Warranty periods
Cover tape peeling strength and mounting performance of stored components.
2-1. Cover tape peeling strength: One year after delivery (Peeling strength: 0.1N to 1.3N)
Number of missing components
There shall not be two or more consecutive missing components. Also, the maximum number of missing
components shall be the larger of one piece or 0.1%.
Storage environment
Keep the product on which taping has been performed to a temperature below 40°C and a humidity within
80% RH. Do not subject in the direct sun.
Fixing method
1. Insert the tip of the carrier tape into the groove.
2. Fix the tip of the cover tape with adhesive tape.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com