Electronic Components Datasheet Search
  English  ▼

X  

SF2094B Datasheet(PDF) 12 Page - RF Monolithics, Inc

Part # SF2094B
Description  380.00 MHz SAW Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2094B Datasheet(HTML) 12 Page - RF Monolithics, Inc

Back Button SF2094B Datasheet HTML 4Page - RF Monolithics, Inc SF2094B Datasheet HTML 5Page - RF Monolithics, Inc SF2094B Datasheet HTML 6Page - RF Monolithics, Inc SF2094B Datasheet HTML 7Page - RF Monolithics, Inc SF2094B Datasheet HTML 8Page - RF Monolithics, Inc SF2094B Datasheet HTML 9Page - RF Monolithics, Inc SF2094B Datasheet HTML 10Page - RF Monolithics, Inc SF2094B Datasheet HTML 11Page - RF Monolithics, Inc SF2094B Datasheet HTML 12Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 12 of 12
©2008 by RF Monolithics, Inc.
SF2094B - 4/2/08
RFM Qualification and Reliability Test
Test
Standard
Test Parameters
Measurement Criteria
Results
1
Life at
Elevated
Temperature
MIL-STD-202
Method 108
Condition C
1,000 Hours
125°C
Unbiased
Within Electrical & Hermetic Spec.
(Note 1)
Pass
2
Temperature
Cycling
JESD22
Method JA-104
Air-to-Air
-55 ×Cto +125 ×C
20 min. Dwell
1,000 cycles
Pass
3Vibration,
Variable
Frequency
MIL-STD-883
Method 2007
Condition B
50g Max.
4 Cycles, 3 Axis
20 Hz to 2 kHz to
20 Hz
Pass
4
Mechanical
Shock
MIL-STD-883
Method 2002
Condition B
1,500g Max.
5 Shocks
±3 Axis
Pass
5
Destructive
Bond
Strength
MIL-STD-883
Method 2011
Condition C
Wire Bond Pull
Strength
2.0 grams (After Seal)
Pass
6
Die Shear
Strength
MIL-STD-883
Method 2019
Shear Strength
0.6 kg
(Strength/area limit in
development)
Pass
7
Solderability
(Note 2)
J-STD-002
Method B
8 hr. steam age
245 × C solder
temperature
5 second dwell
>95% wetted surface
Pass
8
Physical
Dimensions
JESD22
Method JB-100
Critical
Dimensions
Within specifications
Pass
9
Temperature
Characteristics
RFM Procedure
Frequency over
Temperature
Within specifications
Pass
10
Terminal
Strength
(Note 2)
MIL-STD-833
Method 2004
Condition A & D
Cond. A-Lead
Tension
Cond. B -Pad
Adhesionr 24
8 oz. - 30 sec.
Visual Requirements & meets
Hermetic Spec.
Pass
11
Resistance to
Solvents
MIL-STD-883
Method 2015
Solvents a, b, d
Visual Requirements
Pass
12
Steady State
Life
MIL-STD-883
Method 1005
1,000 Hours
Max. Operating
Temperature
Rated Voltage
Within Electrical & Hermetic Spec.
(Note 1)
Pass
13
Internal Water-
Vapor Content
MIL-STD-883
Method 1018
< 5,001 PPM
Pass
14
Constant
Acceleration
MIL-STD-883
Method 2001
Y1 Direction
30,000g
Within Electrical & Hermetic Spec.
(Note 1)
Pass
15
Substrate
Attach Strength
MIL-STD-883
Method 2027
Tensile Strength of
Die Attachment
Custom per Device
Pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com