Electronic Components Datasheet Search
  English  ▼

X  

SF2094B Datasheet(PDF) 8 Page - RF Monolithics, Inc

Part # SF2094B
Description  380.00 MHz SAW Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2094B Datasheet(HTML) 8 Page - RF Monolithics, Inc

Back Button SF2094B Datasheet HTML 4Page - RF Monolithics, Inc SF2094B Datasheet HTML 5Page - RF Monolithics, Inc SF2094B Datasheet HTML 6Page - RF Monolithics, Inc SF2094B Datasheet HTML 7Page - RF Monolithics, Inc SF2094B Datasheet HTML 8Page - RF Monolithics, Inc SF2094B Datasheet HTML 9Page - RF Monolithics, Inc SF2094B Datasheet HTML 10Page - RF Monolithics, Inc SF2094B Datasheet HTML 11Page - RF Monolithics, Inc SF2094B Datasheet HTML 12Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 8 of 12
©2008 by RF Monolithics, Inc.
SF2094B - 4/2/08
Leader and Trailer specifications (Based upon EIA-481)
7 Inch Reel Quantity 500
Symbol
AN
C
D
B
W1
W2
Dimension
178
+0
-4
60
±1
13
+0.5
-0.2
20.2
+1.5
-0
2
±0.5
16.4
+2
-0
22.4
MAX
13 Inch Reel Quantity 2000
Symbol
AN
C
D
B
W1
W2
Dimension
330
+0
-4
100
±2
13
+0.5
-0.2
20.2
+1.5
-0
2
±0.5
16.4
+2
-0
22.4
MAX
Dimensions of the leader and trailer
Dimensional drawing of the reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com