Electronic Components Datasheet Search
  English  ▼

X  

TPS62080 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62080
Description  1.2A High Efficient Step Down Converter with Snooze Mode
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62080 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62080 Datasheet HTML 3Page - Texas Instruments TPS62080 Datasheet HTML 4Page - Texas Instruments TPS62080 Datasheet HTML 5Page - Texas Instruments TPS62080 Datasheet HTML 6Page - Texas Instruments TPS62080 Datasheet HTML 7Page - Texas Instruments TPS62080 Datasheet HTML 8Page - Texas Instruments TPS62080 Datasheet HTML 9Page - Texas Instruments TPS62080 Datasheet HTML 10Page - Texas Instruments TPS62080 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 2.8 V
VIN = 3.6 V
VIN = 4.2 V
VIN = 2.8 V, Snooze Mode
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
TPS62080
VOUT = 0.9 V
G001
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 2.8 V
VIN = 3.6 V
VIN = 4.2 V
VIN = 2.8 V, Snooze Mode
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
TPS62080
VOUT = 1.2 V
G002
TPS62080, TPS62080A
TPS62081, TPS62082
www.ti.com
SLVSAE8D – SEPTEMBER 2011 – REVISED JULY 2013
TYPICAL CHARACTERISTICS
Table 3. TABLE OF GRAPHS
Figure
TPS62080, Load Current, VOUT = 0.9V
Figure 4
TPS62080, Load Current, VOUT = 1.2V
Figure 5
Efficiency
TPS62080, Load Current, VOUT = 2.5V
Figure 6
TPS62081, Load Current, VOUT = 1.8V
Figure 7
TPS62082, Load Current, VOUT = 3.3V
Figure 8
TPS62080, Input Voltage, VOUT = 0.9V
Figure 9
TPS62080, Input Voltage, VOUT = 2.5V
Figure 10
TPS62081, Input Voltage, VOUT = 1.8V
Figure 11
TPS62082, Input Voltage, VOUT = 3.3V
Figure 12
Output Voltage
Accuracy
TPS62080, Load Current, VOUT = 0.9V
Figure 13
TPS62080, Load Current, VOUT = 2.5V
Figure 14
TPS62081, Load Current, VOUT = 1.8V
Figure 15
TPS62082, Load Current, VOUT = 3.3V
Figure 16
Input Voltage, Normal Mode
Figure 17
Quiescent Current
Input Voltage, Snooze Mode
Figure 18
Input Voltage, High Side FET
Figure 19
RDS(on)
Input Voltage, Low Side FET
Figure 20
TPS62080, Load Current, VOUT = 0.9V,
Figure 21
Switching Frequency
TPS62080, Load Current, VOUT = 2.5V,
Figure 22
TPS62080, VIN = 3.3V, VOUT = 1.2V, Load Current = 500mA, PWM Mode
Figure 23
Typical Operation
TPS62080, VIN = 3.3V, VOUT = 1.2V, Load Current = 10mA, PFM Mode
Figure 24
TPS62080, VIN = 3.3V, VOUT = 1.2V, Load Current = 2mA, Snooze Mode
Figure 25
Load Transient
TPS62080, VIN = 3.3V, VOUT = 1.2V, Load Current = 50mA to 1A
Figure 26
Line Transient
TPS62080, VIN = 3.3V to 4.2V, VOUT = 1.2V, Load = 2.2Ω
Figure 27
TPS62080, VIN = 3.3V, VOUT = 1.2V, Load = 2.2Ω
Figure 28
Startup
TPS62080, VIN = 3.3V, VOUT = 1.2V, No Load
Figure 29
Shutdown with
TPS62080, VIN = 3.3V, VOUT = 1.2V, No Load
Figure 30
Output Discharge
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 4.
Figure 5.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com