Electronic Components Datasheet Search
  English  ▼

X  

TPS62080 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62080
Description  1.2A High Efficient Step Down Converter with Snooze Mode
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62080 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62080 Datasheet HTML 12Page - Texas Instruments TPS62080 Datasheet HTML 13Page - Texas Instruments TPS62080 Datasheet HTML 14Page - Texas Instruments TPS62080 Datasheet HTML 15Page - Texas Instruments TPS62080 Datasheet HTML 16Page - Texas Instruments TPS62080 Datasheet HTML 17Page - Texas Instruments TPS62080 Datasheet HTML 18Page - Texas Instruments TPS62080 Datasheet HTML 19Page - Texas Instruments TPS62080 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
÷
ø
ö
ç
è
æ
+
´
=
÷
ø
ö
ç
è
æ
+
´
=
2
R
1
R
1
V
45
.
0
2
R
1
R
1
V
V
FB
OUT
TPS62080
1mH
10µF
2.3V .. 6V
R
1
R
2
V
IN
POWER GOOD
SW
VOS
VIN
EN
GND
MODE
PG
FB
22µF
180k
V
OUT
TPS62080, TPS62080A
TPS62081, TPS62082
SLVSAE8D – SEPTEMBER 2011 – REVISED JULY 2013
www.ti.com
The architecture of the TPS6208X allows to use tiny ceramic-type output capacitors with low equivalent series
resistance (ESR). These capacitors provide low output voltage ripple and are recommended. To keep its
resistance up to high frequencies and to get narrow capacitance variation with temperature, it's recommended to
use X7R or X5R dielectric. The TPS6208x is designed to operate with an output capacitance of 10µF to 100µF,
as outlined in Table 4.
Table 6. List of Recommended Capacitors
CAPACITANCE
DIMENSIONS
TYPE
MANUFACTURER
[µF]
L x W x H [mm3]
10
GRM188R60J106M
0603: 1.6 x 0.8 x 0.8
Murata
22
GRM188R60G226M
0603: 1.6 x 0.8 x 0.8
Murata
22
GRM21BR60J226M
0805: 2.0 x 1.2 x 1.25
Murata
Setting the Output Voltage
The TPS608x devices are available as fixed and adjustable output voltage versions. The fixed versions are
internally programmed to a fixed output voltage, whereas the adjustable output voltage version needs to be
programmed via an external voltage divider to set the desired output voltage.
Adjustable output voltage version
For the adjustable output voltage version, an external resistor divider is used. By selecting R1 and R2, the output
voltage is programmed to the desired value.
Figure 31. Typical Application Circuit for Adjustable Output Voltage Option
When the output voltage is regulated, the typical voltage at the FB pin is VFB for the adjustable devices. The
following equation can be used to calculate R1 and R2.
(3)
For best accuracy, R2 should be kept smaller than 40k
Ω to ensure that the current flowing through R2 is at least
100 times larger than IFB. Changing the sum towards a lower value increases the robustness against noise
injection. Changing the sum towards higher values reduces the quiescent current and supports the Snooze Mode
function for achieving highest efficiency at low load currents. For lowest quiescent current during the Snooze
Mode, it is recommended to use a fixed output voltage version like TPS62081 and TPS62082.
PCB Layout
The PCB layout is an important step to maintain the high performance of the TPS6208x devices.
The input/output capacitors and the inductor should be placed as close as possible to the IC. This keeps the
traces short. Routing these traces direct and wide results in low trace resistance and low parasitic inductance. A
common power GND should be used. The low side of the input and output capacitors must be connected
properly to the power GND to avoid a GND potential shift.
The sense traces connected to FB and VOS pins are signal traces. Special care should be taken to avoid noise
being induced. By a direct routing, parasitic inductance can be kept small. GND layers might be used for
shielding. Keep these traces away from SW nodes.
16
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com