Electronic Components Datasheet Search
  English  ▼

X  

TPS62080 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62080
Description  1.2A High Efficient Step Down Converter with Snooze Mode
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62080 Datasheet HTML 4Page - Texas Instruments TPS62080 Datasheet HTML 5Page - Texas Instruments TPS62080 Datasheet HTML 6Page - Texas Instruments TPS62080 Datasheet HTML 7Page - Texas Instruments TPS62080 Datasheet HTML 8Page - Texas Instruments TPS62080 Datasheet HTML 9Page - Texas Instruments TPS62080 Datasheet HTML 10Page - Texas Instruments TPS62080 Datasheet HTML 11Page - Texas Instruments TPS62080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
IOUT = 1A, TA = 25°C
IOUT = 1A, TA = −40°C
IOUT = 1A, TA = 85°C
IOUT = 10mA, TA = 25°C
IOUT = 10mA, TA = −40°C
IOUT = 10mA, TA = 85°C
TPS62080
VOUT = 2.5 V
G007
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
IOUT = 1A, TA = 25°C
IOUT = 1A, TA = −40°C
IOUT = 1A, TA = 85°C
IOUT = 10mA, TA = 25°C
IOUT = 10mA, TA = −40°C
IOUT = 10mA, TA = 85°C
TPS62081
VOUT = 1.8 V
G008
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 3.6 V
VIN = 4.2 V
VIN = 5.0 V
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
VIN = 5.0 V, Snooze Mode
TPS62082
VOUT = 3.3 V
G004
0.880
0.885
0.890
0.895
0.900
0.905
0.910
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
IOUT = 1A, TA = 25°C
IOUT = 1A, TA = −40°C
IOUT = 1A, TA = 85°C
IOUT = 10mA, TA = 25°C
IOUT = 10mA, TA = −40°C
IOUT = 10mA, TA = 85°C
TPS62080
VOUT = 0.9 V
G006
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 3.6 V
VIN = 4.2 V
VIN = 5.0 V
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
VIN = 5.0 V, Snooze Mode
TPS62080
VOUT = 2.5 V
G003
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 2.8 V
VIN = 3.6 V
VIN = 4.2 V
VIN = 2.8 V, Snooze Mode
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
TPS62081
VOUT = 1.8 V
G005
TPS62080, TPS62080A
TPS62081, TPS62082
SLVSAE8D – SEPTEMBER 2011 – REVISED JULY 2013
www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 6.
Figure 7.
EFFICIENCY
OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
INPUT VOLTAGE
Figure 8.
Figure 9.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 10.
Figure 11.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com