Electronic Components Datasheet Search
  English  ▼

X  

TPS62080 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62080
Description  1.2A High Efficient Step Down Converter with Snooze Mode
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62080 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62080 Datasheet HTML 6Page - Texas Instruments TPS62080 Datasheet HTML 7Page - Texas Instruments TPS62080 Datasheet HTML 8Page - Texas Instruments TPS62080 Datasheet HTML 9Page - Texas Instruments TPS62080 Datasheet HTML 10Page - Texas Instruments TPS62080 Datasheet HTML 11Page - Texas Instruments TPS62080 Datasheet HTML 12Page - Texas Instruments TPS62080 Datasheet HTML 13Page - Texas Instruments TPS62080 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SW
2V/div
t - 200ns/div
V
20mV/div
OUT
L
0.5A/div
COIL
0
500k
1M
1.5M
2M
2.5M
3M
3.5M
4M
4.5M
0
400m
800m
1.2
1.6
Output Current (A)
VIN = 2.5V
VIN = 3.3V
VIN = 4.2V
VIN = 5.0V
TPS62080
VOUT = 2.5V
G015
20
60
100
140
180
220
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
TA = 25°C
TA = −40°C
TA = 85°C
G019
0
500k
1M
1.5M
2M
2.5M
3M
0
400m
800m
1.2
1.6
Output Current (A)
VIN = 2.3V
VIN = 3.3V
VIN = 4.2V
VIN = 5.0V
TPS62080
VOUT = 0.9V
G014
2u
3.5u
5u
6.5u
8u
9.5u
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
TA = 25°C
TA = −40°C
TA = 85°C
IOUT = 0 A, Snooze Mode
G017
50
90
130
170
210
250
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
TA = 25°C
TA = −40°C
TA = 85°C
G018
TPS62080, TPS62080A
TPS62081, TPS62082
SLVSAE8D – SEPTEMBER 2011 – REVISED JULY 2013
www.ti.com
QUIESCENT CURRENT
HIGH SIDE FET RDS(on)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 18.
Figure 19.
LOW SIDE FET RDS(on)
SWITCHING FREQUENCY
vs
vs
INPUT VOLTAGE
LOAD CURRENT
Figure 20.
Figure 21.
SWITCHING FREQUENCY
vs
LOAD CURRENT
TYPICAL APPLICATION (PWM MODE)
Figure 22.
Figure 23.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com