Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2736
Description  Thin SOT23 750mA Load Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2736 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 4Page - Texas Instruments LM2736 Datasheet HTML 5Page - Texas Instruments LM2736 Datasheet HTML 6Page - Texas Instruments LM2736 Datasheet HTML 7Page - Texas Instruments LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
0
0
VIN
VD
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
IPK
SW
Voltage
LM2736
SNVS316E – SEPTEMBER 2004 – REVISED SEPTEMBER 2011
www.ti.com
Application Information
THEORY OF OPERATION
The LM2736 is a constant frequency PWM buck regulator IC that delivers a 750mA load current. The regulator
has a preset switching frequency of either 550kHz (LM2736Y) or 1.6MHz (LM2736X). These high frequencies
allow the LM2736 to operate with small surface mount capacitors and inductors, resulting in DC/DC converters
that require a minimum amount of board space. The LM2736 is internally compensated, so it is simple to use,
and requires few external components. The LM2736 uses current-mode control to regulate the output voltage.
The following operating description of the LM2736 will refer to the Simplified Block Diagram (Figure 3) and to the
waveforms in Figure 4. The LM2736 supplies a regulated output voltage by switching the internal NMOS control
switch at constant frequency and variable duty cycle. A switching cycle begins at the falling edge of the reset
pulse generated by the internal oscillator. When this pulse goes low, the output control logic turns on the internal
NMOS control switch. During this on-time, the SW pin voltage (VSW) swings up to approximately VIN, and the
inductor current (IL) increases with a linear slope. IL is measured by the current-sense amplifier, which generates
an output proportional to the switch current. The sense signal is summed with the regulator’s corrective ramp and
compared to the error amplifier’s output, which is proportional to the difference between the feedback voltage
and VREF. When the PWM comparator output goes high, the output switch turns off until the next switching cycle
begins. During the switch off-time, inductor current discharges through Schottky diode D1, which forces the SW
pin to swing below ground by the forward voltage (VD) of the catch diode. The regulator loop adjusts the duty
cycle (D) to maintain a constant output voltage.
Figure 4. LM2736 Waveforms of SW Pin Voltage and Inductor Current
BOOST FUNCTION
Capacitor CBOOST and diode D2 in Figure 5 are used to generate a voltage VBOOST. VBOOST - VSW is the gate drive
voltage to the internal NMOS control switch. To properly drive the internal NMOS switch during its on-time,
VBOOST needs to be at least 1.6V greater than VSW. Although the LM2736 will operate with this minimum voltage,
it may not have sufficient gate drive to supply large values of output current. Therefore, it is recommended that
VBOOST be greater than 2.5V above VSW for best efficiency. VBOOST – VSW should not exceed the maximum
operating limit of 5.5V.
5.5V > VBOOST – VSW > 2.5V for best performance.
8
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com