Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM2736
Description  Thin SOT23 750mA Load Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2736 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments LM2736 Datasheet HTML 13Page - Texas Instruments LM2736 Datasheet HTML 14Page - Texas Instruments LM2736 Datasheet HTML 15Page - Texas Instruments LM2736 Datasheet HTML 16Page - Texas Instruments LM2736 Datasheet HTML 17Page - Texas Instruments LM2736 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C2
R1
R2
D1
D2
ON
OFF
VIN
C1
R3
VIN
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C2
R1
R2
D1
D2
ON
OFF
C1
R3
LM2736
SNVS316E – SEPTEMBER 2004 – REVISED SEPTEMBER 2011
www.ti.com
High AC currents flow through the VIN, SW and VOUT traces, so they should be as short and wide as possible.
However, making the traces wide increases radiated noise, so the designer must make this trade-off. Radiated
noise can be decreased by choosing a shielded inductor.
The remaining components should also be placed as close as possible to the IC. Please see Application Note
AN-1229 for further considerations and the LM2736 demo board as an example of a four-layer layout.
LM2736X Circuit Examples
Figure 8. LM2736X (1.6MHz)
VBOOST Derived from VIN
5V to 1.5V/750mA
Table 1. Bill of Materials for Figure 8
Part ID
Part Value
Part Number
Manufacturer
U1
750mA Buck Regulator
LM2736X
National Semiconductor
C1, Input Cap
10µF, 6.3V, X5R
C3216X5ROJ106M
TDK
C2, Output Cap
10µF, 6.3V, X5R
C3216X5ROJ106M
TDK
C3, Boost Cap
0.01uF, 16V, X7R
C1005X7R1C103K
TDK
D1, Catch Diode
0.3VF Schottky 1A, 10VR
MBRM110L
ON Semi
D2, Boost Diode
1VF @ 50mA Diode
1N4148W
Diodes, Inc.
L1
4.7µH, 1.7A,
VLCF4020T- 4R7N1R2
TDK
R1
2k
Ω, 1%
CRCW06032001F
Vishay
R2
10k
Ω, 1%
CRCW06031002F
Vishay
R3
100k
Ω, 1%
CRCW06031003F
Vishay
Figure 9. LM2736X (1.6MHz)
VBOOST Derived from VOUT
12V to 3.3V/750mA
14
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com