Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2736
Description  Thin SOT23 750mA Load Step-Down DC-DC Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2736 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments LM2736 Datasheet HTML 13Page - Texas Instruments LM2736 Datasheet HTML 14Page - Texas Instruments LM2736 Datasheet HTML 15Page - Texas Instruments LM2736 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
IRMS-IN = IO x
D x
r
2
12
1-D +
L =
VO + VD
IO x r x fS
x (1-D)
LM2736
SNVS316E – SEPTEMBER 2004 – REVISED SEPTEMBER 2011
www.ti.com
One must also ensure that the minimum current limit (1.0A) is not exceeded, so the peak current in the inductor
must be calculated. The peak current (ILPK) in the inductor is calculated by:
ILPK = IO + ΔIL/2
(16)
If r = 0.7 at an output of 750mA, the peak current in the inductor will be 1.0125A. The minimum guaranteed
current limit over all operating conditions is 1.0A. One can either reduce r to 0.6 resulting in a 975mA peak
current, or make the engineering judgement that 12.5mA over will be safe enough with a 1.5A typical current limit
and 6 sigma limits. When the designed maximum output current is reduced, the ratio r can be increased. At a
current of 0.1A, r can be made as high as 0.9. The ripple ratio can be increased at lighter loads because the net
ripple is actually quite low, and if r remains constant the inductor value can be made quite large. An equation
empirically developed for the maximum ripple ratio at any current below 2A is:
r = 0.387 x IOUT
-0.3667
(17)
Note that this is just a guideline.
The LM2736 operates at frequencies allowing the use of ceramic output capacitors without compromising
transient response. Ceramic capacitors allow higher inductor ripple without significantly increasing output ripple.
See the output capacitor section for more details on calculating output voltage ripple.
Now that the ripple current or ripple ratio is determined, the inductance is calculated by:
(18)
where fs is the switching frequency and IO is the output current. When selecting an inductor, make sure that it is
capable of supporting the peak output current without saturating. Inductor saturation will result in a sudden
reduction in inductance and prevent the regulator from operating correctly. Because of the speed of the internal
current limit, the peak current of the inductor need only be specified for the required maximum output current. For
example, if the designed maximum output current is 0.5A and the peak current is 0.7A, then the inductor should
be specified with a saturation current limit of >0.7A. There is no need to specify the saturation or peak current of
the inductor at the 1.5A typical switch current limit. The difference in inductor size is a factor of 5. Because of the
operating frequency of the LM2736, ferrite based inductors are preferred to minimize core losses. This presents
little restriction since the variety of ferrite based inductors is huge. Lastly, inductors with lower series resistance
(DCR) will provide better operating efficiency. For recommended inductors see Example Circuits.
INPUT CAPACITOR
An input capacitor is necessary to ensure that VIN does not drop excessively during switching transients. The
primary specifications of the input capacitor are capacitance, voltage, RMS current rating, and ESL (Equivalent
Series Inductance). The recommended input capacitance is 10µF, although 4.7µF works well for input voltages
below 6V. The input voltage rating is specifically stated by the capacitor manufacturer. Make sure to check any
recommended deratings and also verify if there is any significant change in capacitance at the operating input
voltage and the operating temperature. The input capacitor maximum RMS input current rating (IRMS-IN) must be
greater than:
(19)
It can be shown from the above equation that maximum RMS capacitor current occurs when D = 0.5. Always
calculate the RMS at the point where the duty cycle, D, is closest to 0.5. The ESL of an input capacitor is usually
determined by the effective cross sectional area of the current path. A large leaded capacitor will have high ESL
and a 0805 ceramic chip capacitor will have very low ESL. At the operating frequencies of the LM2736, certain
capacitors may have an ESL so large that the resulting impedance (2
πfL) will be higher than that required to
provide stable operation. As a result, surface mount capacitors are strongly recommended. Sanyo POSCAP,
Tantalum or Niobium, Panasonic SP or Cornell Dubilier ESR, and multilayer ceramic capacitors (MLCC) are all
good choices for both input and output capacitors and have very low ESL. For MLCCs it is recommended to use
X7R or X5R dielectrics. Consult capacitor manufacturer datasheet to see how rated capacitance varies over
operating conditions.
OUTPUT CAPACITOR
The output capacitor is selected based upon the desired output ripple and transient response. The initial current
of a load transient is provided mainly by the output capacitor. The output ripple of the converter is:
12
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com