Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100 V, 100 mA Constant On-Time Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5019 Datasheet(HTML) 2 Page - Texas Instruments

  LM5019 Datasheet HTML 1Page - Texas Instruments LM5019 Datasheet HTML 2Page - Texas Instruments LM5019 Datasheet HTML 3Page - Texas Instruments LM5019 Datasheet HTML 4Page - Texas Instruments LM5019 Datasheet HTML 5Page - Texas Instruments LM5019 Datasheet HTML 6Page - Texas Instruments LM5019 Datasheet HTML 7Page - Texas Instruments LM5019 Datasheet HTML 8Page - Texas Instruments LM5019 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
UVLO
3
RON
4
RTN
1
VIN
2
8
SW
7
BST
6
VCC
5
FB
Power
PAD-8
Exp Pad
SW
BST
VCC
FB
8
7
6
5
1
2
3
4
UVLO
RON
RTN
VIN
WSON-8
Exp Pad
LM5019
SNVS788E – JANUARY 2012 – REVISED DECEMBER 2013
www.ti.com
Connection Diagram
Connect Exposed Pad to RTN
Connect Exposed Pad to RTN
Figure 1. Top View
Figure 2. Top View
Pin Descriptions
Pin
Name
Description
Application Information
1
RTN
Ground
Ground connection of the integrated circuit.
2
VIN
Input Voltage
Operating input range is 7.5 V to 100 V.
3
UVLO
Input Pin of Undervoltage Comparator
Resistor divider from VIN to UVLO to GND programs the
undervoltage detection threshold. An internal current
source is enabled when UVLO is above 1.225 V to
provide hysteresis. When UVLO pin is pulled below 0.66
V externally, the parts goes in shutdown mode.
4
RON
On-Time Control
A resistor between this pin and VIN sets the switch on-
time as a function of VIN. Minimum recommended on-
time is 100 ns at max input voltage.
5
FB
Feedback
This pin is connected to the inverting input of the internal
regulation comparator. The regulation level is 1.225 V.
6
VCC
Output From the Internal High Voltage Series Pass
The internal VCC regulator provides bias supply for the
Regulator. Regulated at 7.6 V
gate drivers and other internal circuitry. A 1.0
μF
decoupling capacitor is recommended.
7
BST
Bootstrap Capacitor
An external capacitor is required between the BST and
SW pins (0.01
μF ceramic). The BST pin capacitor is
charged by the VCC regulator through an internal diode
when the SW pin is low.
8
SW
Switching Node
Power switching node. Connect to the output inductor
and bootstrap capacitor.
EP
Exposed Pad
Exposed pad must be connected to RTN pin. Connect to
system ground plane on application board for reduced
thermal resistance.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com