Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100 V, 100 mA Constant On-Time Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5019 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5019 Datasheet HTML 9Page - Texas Instruments LM5019 Datasheet HTML 10Page - Texas Instruments LM5019 Datasheet HTML 11Page - Texas Instruments LM5019 Datasheet HTML 12Page - Texas Instruments LM5019 Datasheet HTML 13Page - Texas Instruments LM5019 Datasheet HTML 14Page - Texas Instruments LM5019 Datasheet HTML 15Page - Texas Instruments LM5019 Datasheet HTML 16Page - Texas Instruments LM5019 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
IOUT(MAX)
CIN
8 x CSW x ûVIN
>
OUT
C
L(MIN)
REF
V
25mV
R
I
V
J
K

ûIL
COUT =
8 x Csw x ûVripple
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
VIN
VOUT
RFB1
RC
RUV1
RON
COUT
CBST
CIN
RFB2
RUV2
L1
UVLO
CVCC
LM5019
7.5V-100V
1
2
3
4
5
6
8
7
Shutdown
+
CBYP
LM5019
www.ti.com
SNVS788E – JANUARY 2012 – REVISED DECEMBER 2013
Figure 15. Reference Schematic for Selection of External Components
Output Capacitor:
The output capacitor is selected to minimize the capacitive ripple across it. The maximum ripple is observed at
maximum input voltage and is given by:
where
•
ΔVripple is the voltage ripple across the capacitor
(11)
Substituting
ΔVripple = 10mV gives COUT = 2.94 μF. A 4.7 μF standard value is selected. An X5R or X7R type
capacitor with a voltage rating 16 V or higher should be selected.
Series Ripple Resistor RC:
The series resistor should be selected to produce sufficient ripple at the feedback node. The ripple produced by
RC is proportional to the inductor current ripple, and therefore RC should be chosen for minimum inductor current
ripple which occurs at minimum input voltage. The RC is calculated by the equation:
(12)
This gives an RC of greater than or equal to 10.8 Ω. Selecting RC = 11 Ω results in ~1 V of maximum output
voltage ripple. For applications requiring lower output voltage ripple, Type II or Type III ripple injection circuits
should be used as described in the section Ripple Configuration.
VCC and Bootstrap Capacitor:
The VCC capacitor provides charge to bootstrap capacitor as well as internal circuitry and low side gate driver.
The Bootstrap capacitor provides charge to high side gate driver. A good value for CVCC is 1 μF. A good value for
CBST is 0.01 μF.
Input Capacitor:
Input capacitor should be large enough to limit the input voltage ripple:
(13)
choosing a
ΔVIN = 0.5 V gives a minimum CIN = 0.12 μF. A standard value of 1 μF is selected. The input
capacitor should be rated for the maximum input voltage under all conditions. A 100 V, X7R dielectric should be
selected for this design.
Input capacitor should be placed directly across VIN and RTN (pin 2 and 1) of the IC. If it is not possible to place
all of the input capacitor close to the IC, a 0.1
μF capacitor should be placed near the IC to provide a bypass
path for the high frequency component of the switching current. This helps limit the switching noise.
UVLO Resistors:
The UVLO resistors RFB1 and RFB2 set the UVLO threshold and hysteresis according to the following relationship:
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com