Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100 V, 100 mA Constant On-Time Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5019 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5019 Datasheet HTML 8Page - Texas Instruments LM5019 Datasheet HTML 9Page - Texas Instruments LM5019 Datasheet HTML 10Page - Texas Instruments LM5019 Datasheet HTML 11Page - Texas Instruments LM5019 Datasheet HTML 12Page - Texas Instruments LM5019 Datasheet HTML 13Page - Texas Instruments LM5019 Datasheet HTML 14Page - Texas Instruments LM5019 Datasheet HTML 15Page - Texas Instruments LM5019 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
VIN - VOUT
ûIL =
L1 x CSW
VOUT
VIN
x
VOUT
CSW =
K x RON
DMIN
CSW(MAX) =
TON(MIN)
10/95
100 ns
=
= 1.05 MHz
1 - DMAX
CSW(MAX) =
TOFF(MIN)
1 - 10/12.5
200 ns
=
= 1 MHz
LM5019
SNVS788E – JANUARY 2012 – REVISED DECEMBER 2013
www.ti.com
APPLICATION INFORMATION
Selection of External Components
Selection of external components is illustrated through a design example. The design example specifications are:
Buck Converter Design Specifications
Input Voltage Range
12.5 V to 95 V
Output Voltage
10 V
Maximum Load Current
100 mA
Switching Frequency
400 kHz
RFB1, RFB2:
VOUT = VFB x (RFB2/RFB1 + 1), and since VFB = 1.225 V, the ratio of RFB2 to RFB1 calculates as 7:1. Standard
values of 6.98 k
Ω and 1.00 kΩ are chosen. Other values could be used as long as the 7:1 ratio is maintained.
Frequency Selection:
At the minimum input voltage, the maximum switching frequency of LM5019 is restricted by the forced minimum
off-time (TOFF(MIN)) as given by:
(6)
Similarly, at maximum input voltage, the maximum switching frequency of LM5019 is restricted by the minimum
TON as given by:
(7)
Resistor RON sets the nominal switching frequency based on the following equations:
where
•
K = 1 x 10
–10
(8)
Operation at high switching frequency results in lower efficiency while providing the smallest solution. For this
example a 400 kHz was selected, resulting in RON = 246 kΩ. Selecting a standard value for RON = 237 kΩ results
in a nominal frequency of 416 kHz.
Inductor Selection:
The inductance selection is a compromise between solution size, output ripple, and efficiency. The peak inductor
current at maximum load current should be smaller than the minimum current limit of 150 mA. The maximum
permissible peak to peak inductor ripple is:
ΔIL = 2*(ILIM(min) - IOUT(max) = 2*50 = 100mA
(9)
The minimum inductance is given by:
(10)
Resulting in L = 215 µH. A standard value of 22 0µH is selected. For proper operation the inductor saturation
current should be higher than the peak encountered in the application. For robust short circuit protection, the
inductor saturation current should be higher than the maximum current limit of 300 mA.
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com