Electronic Components Datasheet Search
  English  ▼

X  

LM5019 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5019
Description  100 V, 100 mA Constant On-Time Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5019 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5019 Datasheet HTML 7Page - Texas Instruments LM5019 Datasheet HTML 8Page - Texas Instruments LM5019 Datasheet HTML 9Page - Texas Instruments LM5019 Datasheet HTML 10Page - Texas Instruments LM5019 Datasheet HTML 11Page - Texas Instruments LM5019 Datasheet HTML 12Page - Texas Instruments LM5019 Datasheet HTML 13Page - Texas Instruments LM5019 Datasheet HTML 14Page - Texas Instruments LM5019 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM5019
www.ti.com
SNVS788E – JANUARY 2012 – REVISED DECEMBER 2013
Thermal Protection
The LM5019 should be operated so the junction temperature does not exceed 150°C during normal operation.
An internal Thermal Shutdown circuit is provided to protect the LM5019 in the event of a higher than normal
junction temperature. When activated, typically at 165°C, the controller is forced into a low power reset state,
disabling the buck switch and the VCC regulator. This feature prevents catastrophic failures from accidental
device overheating. When the junction temperature reduces below 145°C (typical hysteresis = 20°C), the VCC
regulator is enabled, and normal operation is resumed.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com