Electronic Components Datasheet Search
  English  ▼

X  

RM84 Datasheet(PDF) 5 Page - Altech corporation

Part # RM84
Description  Miniature Electromagnetic Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

RM84 Datasheet(HTML) 5 Page - Altech corporation

  RM84 Datasheet HTML 1Page - Altech corporation RM84 Datasheet HTML 2Page - Altech corporation RM84 Datasheet HTML 3Page - Altech corporation RM84 Datasheet HTML 4Page - Altech corporation RM84 Datasheet HTML 5Page - Altech corporation RM84 Datasheet HTML 6Page - Altech corporation RM84 Datasheet HTML 7Page - Altech corporation RM84 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
80
RM84 / RM85 / RM87
Miniature Electromagnetic Relays
DATA SUBJECT TO CHANGE WITHOUT NOTICE
R84 DPDT AC 50/60Hz & DC coil
Part Number
Coil Voltage
Coil Type
Coil resistance
Coil operating range
(V)
at 20 °C in Ω
min. (at 20°C)
max. (at 55°C)
RM84-2012-35-1012
12
DC
360
8.4
30.6
RM84-2012-35-1024
24
DC
1440
16.8
61.2
RM84-2012-35-1110
110
DC
25200
77.0
280.0
RM84-2012-35-5120
120
AC 50/60Hz
10200
96.0
144.0
RM84-2012-35-5230
230
AC 50/60Hz
38500
184.0
276.0
R84 DPST(2NO) AC 50/60Hz & DC coil
Part Number
Coil Voltage
Coil Type
Coil resistance
Coil operating range
(V)
at 20 °C in Ω
min. (at 20°C)
max. (at 55°C)
RM84-2022-35-1012
12
DC
360
8.4
30.6
RM84-2022-35-1024
24
DC
1440
16.8
61.2
RM84-2022-35-1110
110
DC
25200
77.0
280.0
RM84-2022-35-5120
120
AC 50/60Hz
10200
96.0
144.0
RM84-2022-35-5230
230
AC 50/60Hz
38500
184.0
276.0
R85 SPDT AC 50/60Hz & DC coil
Part Number
Coil Voltage
Coil Type
Coil resistance
Coil operating range
(V)
at 20 °C in Ω
min. (at 20°C)
max. (at 55°C)
RM85-2011-35-1012
12
DC
360
8.4
30.6
RM85-2011-35-1024
24
DC
1440
16.8
61.2
RM85-2011-35-1110
110
DC
25200
77.0
280.0
RM85-2011-35-5120
120
AC 50/60Hz
10200
96.0
144.0
RM85-2011-35-5230
230
AC 50/60Hz
38500
184.0
276.0
R85 SPST(1NO) AC 50/60Hz & DC coil
Part Number
Coil Voltage
Coil Type
Coil resistance
Coil operating range
(V)
at 20 °C in Ω
min. (at 20°C)
max. (at 55°C)
RM85-2021-35-1012
12
DC
360
8.4
30.6
RM85-2021-35-1024
24
DC
1440
16.8
61.2
RM85-2021-35-1110
110
DC
25200
77.0
280.0
RM85-2021-35-5120
120
AC 50/60Hz
10200
96.0
144.0
RM85-2021-35-5230
230
AC 50/60Hz
38500
184.0
276.0
R87 SPDT AC 50/60Hz & DC coil
Part Number
Coil Voltage
Coil Type
Coil resistance
Coil operating range
(V)
at 20 °C in Ω
min. (at 20°C)
max. (at 55°C)
RM87N-2011-35-1012
12
DC
360
8.4
30.6
RM87N-2011-35-1024
24
DC
1440
16.8
61.2
RM87N-2011-35-1110
110
DC
25200
77.0
280.0
RM87N-2011-35-5120
120
AC 50/60Hz
10200
96.0
144.0
RM87N-2011-35-5230
230
AC 50/60Hz
38500
184.0
276.0
R87 SPST(1NO) AC 50/60Hz & DC coil
Part Number
Coil Voltage
Coil Type
Coil resistance
Coil operating range
(V)
at 20 °C in Ω
min. (at 20°C)
max. (at 55°C)
RM87N-2021-35-1012
12
DC
360
8.4
30.6
RM87N-2021-35-1024
24
DC
1440
16.8
61.2
RM87N-2021-35-1110
110
DC
25200
77.0
280.0
RM87N-2021-35-5120
120
AC 50/60Hz
10200
96.0
144.0
RM87N-2021-35-5230
230
AC 50/60Hz
38500
184.0
276.0
* waterproof version
BOLD
- Regular stocked items.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com