Electronic Components Datasheet Search
  English  ▼

X  

RM84 Datasheet(PDF) 1 Page - Altech corporation

Part # RM84
Description  Miniature Electromagnetic Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

RM84 Datasheet(HTML) 1 Page - Altech corporation

  RM84 Datasheet HTML 1Page - Altech corporation RM84 Datasheet HTML 2Page - Altech corporation RM84 Datasheet HTML 3Page - Altech corporation RM84 Datasheet HTML 4Page - Altech corporation RM84 Datasheet HTML 5Page - Altech corporation RM84 Datasheet HTML 6Page - Altech corporation RM84 Datasheet HTML 7Page - Altech corporation RM84 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RM84
RM85
RM87
Contact Data
No. and type of contacts
DPDT. DPST (2NO)
SPDT. SPST (1NO)
SPDT. SPST (1NO)
Contact material
AgNi
AgNi
AgNi
Rated / max. switching voltage
AC
250 V / 440 V
250 V / 440 V
250 V / 440 V
Min. switching voltage
5 V
5 V
5 V
Rated load (capacity)
AC1
8 A / 250 V AC
16 A / 250 V AC
12 A / 250 V AC
AC15
3 A / 120 V; 1.5 A / 240 V (B300)
3 A / 120 V; 1.5 A / 240 V (B300)
3 A / 120 V; 1.5 A / 240 V (B300)
AC3
550 W (single-phase motor)
750 W (single-phase motor)
750 W (single-phase motor)
DC1
8 A / 24 V DC (see Fig. 3.1)
16 A / 24 V DC (see Fig. 3.2)
12 A / 24 V DC (see Fig. 3.3)
DC13
0.22 A / 120 V; 0.1 A / 250 V (R300)
0.22 A / 120 V; 0.1 A / 250 V (R300)
0.22 A / 120 V; 0.1 A / 250 V (R300)
Min. switching current
5 mA
5 mA
5 mA
Max. inrush current
12 A
24 A
18 A
Rated current
8A
16 A
12 A
Max. breaking capacity
AC1
2 000 VA
4 000 VA
3 000 VA
Min. breaking capacity
0.3 W
0.3 W
0.3 W
Contact resistance
≤ 100 mΩ≤ 100 mΩ≤ 100 mΩ
Max. operating frequency
• at rated load
AC1
600 cycles/hour
600 cycles/hour
600 cycles/hour
• no load
72000 cycles/hour
72000 cycles/hour
72000 cycles/hour
Coil Data
Rated voltage
50/60 Hz
AC
12 ... 240 V
12 ... 240 V
12 ... 240 V
DC
3 ... 110 V
3 ... 110 V
3 ... 110 V
Must release voltage
AC: ≥ 0.15 Un ; DC: ≥ 0.1 Un
AC: ≥ 0.15 Un ; DC: ≥ 0.1 Un
AC: ≥ 0.15 Un ; DC: ≥ 0.1 Un
Operating range of supply voltage
see page 80 and Fig. 4.1. 5.1
see page 80 and Fig. 4.2. 5.2
see page 80 and Fig. 4.3. 5.3
Rated power consumption
AC
0.75 VA
0.75 VA
0.75 VA
DC
0.4 ... 0.48 W
0.4 ... 0.48 W
0.4 ... 0.48 W
Insulation
Insulation rated voltage
400 V AC
400 V AC
400 V AC
Rated surge voltage
4000 V 1.2 / 50 µs
4000 V 1.2 / 50 µs
4000 V 1.2 / 50 µs
Overvoltage category
III
III
III
Insulation pollution degree
33
3
Dielectric strength
• between coil and contacts
5000 V AC type of insulation: reinforced
5000 V AC type of insulation: reinforced
5000 V AC type of insulation: reinforced
• contact clearance
1000 V AC type of clearance: micro-disconnection
1000 V AC type of clearance: micro-disconnection
1000 V AC type of clearance: micro-disconnection
2000 V AC contacts DPST (2NO).
2000 V AC contacts DPST (2NO).
2000 V AC contacts SPST (1NO).
type of clearance: full-disconnect
type of clearance: full-disconnect
type of clearance: full-disconnect
• pole - pole
2500 V AC type of insulation: basic
––
Contact - coil distance
• clearance
≥ 10 mm
≥ 10 mm
≥ 10 mm
• creepage
≥ 10 mm
≥ 10 mm
≥ 10 mm
General data
Operating / release time (typical values)
7 ms / 3 ms
7 ms / 3 ms
7 ms / 3 ms
Electrical life
• resistive
AC1
> 105; 8 A. 250 V AC
> 0.7 x 105; 16 A. 250 V AC
> 105; 12 A. 250 V AC
• cos
φ
see Fig. 2.1
see Fig. 2.2
see Fig. 2.3
• DC L/R=40 ms
> 105; 0.15 A. 220 V DC
> 105; 0.15 A. 220 V DC
> 105; 0.15 A. 220 V DC
Mechanical life (cycles)
> 3 x 107
> 3 x 107
> 3 x 107
Dimensions (L x W x H)
29 x 12.7 x 15.7 mm
29 x 12.7 x 15.7 mm
29 x 12.7 x 15.7 mm
Weight
14 g
14 g
14 g
Ambient temperature
• storage
-40...+85 °C
40...+85 °C
40...+85 °C
• operating
AC: -40...+70 °C DC: -40...+85 °C
AC: -40...+70 °C DC: -40...+85 °C
AC: -40...+70 °C DC: -40...+85 °C
Cover protection category
IP 67 PN-EN 60529
IP 67 PN-EN 60529
IP 67 PN-EN 60529
Environmental protection
RTIII PN-EN 116000-3
RTIII PN-EN 116000-3
RTIII PN-EN 116000-3
Shock resistance
(NO/NC)
20 g
30 g
30 g
Vibration resistance
10 g / 5 g 10...150 Hz
10 g 10...150 Hz
10 g 10...150 Hz
Solder bath temperature
max. 270 °C
max. 270 °C
max. 270 °C
Soldering time
max. 5 s
max. 5 s
max. 5 s
• Miniature dimensions
• Cadmium - free contacts
• 5000 V / 10 mm reinforced insulation • For PCB and plug-in sockets
• Available special versions with the increased dielectric strength of the
contact clearance
• IP67 flux proof, water proof and sealed cover protection (For IP40 unsealed, contact Altech)
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
76
RM84 / RM85 / RM87
Miniature Electromagnetic Relays
DATA SUBJECT TO CHANGE WITHOUT NOTICE
E105728


Similar Part No. - RM84

ManufacturerPart #DatasheetDescription
logo
DFI Inc
RM840 DFI-RM840 Datasheet
528Kb / 2P
Rackmount Chassis for EATX
RM840-PR810 DFI-RM840-PR810 Datasheet
762Kb / 4P
1st/2nd Gen Intel® Xeon® Rackmount System
RM840-PR810-C222IR DFI-RM840-PR810-C222IR Datasheet
762Kb / 4P
1st/2nd Gen Intel® Xeon® Rackmount System
logo
Powerbox
RM848 POWERBOX-RM848 Datasheet
50Kb / 1P
8 0 0 WAT T S C O M M U N I C AT I O N S
More results

Similar Description - RM84

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
MINIATURE REED RELAYS
logo
Coto Technology
9011 COTO-9011 Datasheet
94Kb / 2P
Miniature SIP Relays
logo
List of Unclassifed Man...
RMB962 ETC2-RMB962 Datasheet
302Kb / 3P
miniature relays
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
Miniature SIP Relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
MINIATURE POWER RELAYS
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
Miniature Relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
Miniature Relays
logo
List of Unclassifed Man...
JQX-15F ETC1-JQX-15F Datasheet
217Kb / 2P
MINIATURE HEAVY DUTY DC ELECTROMAGNETIC RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com