Electronic Components Datasheet Search
  English  ▼

X  

RM84 Datasheet(PDF) 8 Page - Altech corporation

Part # RM84
Description  Miniature Electromagnetic Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

RM84 Datasheet(HTML) 8 Page - Altech corporation

  RM84 Datasheet HTML 1Page - Altech corporation RM84 Datasheet HTML 2Page - Altech corporation RM84 Datasheet HTML 3Page - Altech corporation RM84 Datasheet HTML 4Page - Altech corporation RM84 Datasheet HTML 5Page - Altech corporation RM84 Datasheet HTML 6Page - Altech corporation RM84 Datasheet HTML 7Page - Altech corporation RM84 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MH16-2
MH16-2
GZMB80-0040
GZM80-0041
**
Module type M...
(see page 113)
TR
45.2
69
27
16
7.6
36
RM84
RM85
NC
COM
NO
COIL
22
12
21
11
24
14
A2 A1
22
12
21
11
24
14
A2 A1
7.5
13
4.5
4.7
9
7.5
13
4.5
4.7
9
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
83
RM84 / RM85 / RM87
Miniature Electromagnetic Relays - Plug-in Sockets and Accessories
DATA SUBJECT TO CHANGE WITHOUT NOTICE
CONNECTION
DIAGRAM
DIMENSIONS
CONNECTION
DIAGRAM
DIMENSIONS
CONNECTION
DIAGRAM
DIMENSIONS
GD50 (for RM84, RM85)
For RM84, RM85
For PCB
31.5 x 13 x 9 mm
Two poles, 5 mm pinout
8 A, 300 V AC
GD35 (for RM87N)
For RM87
For PCB
31.5 x 13 x 9 mm
One pole, 3.5 mm pinout
12 A, 300 V AC
GZMB80
GD50
GD35
GZMB80 (for RM84, RM85)
Spring terminals
Max. cross section of the cables:
1 x 0.2...1.5 mm2
(1 x 24...16 AWG)
Stripping length deinsulation:
9...11 mm
35 mm rail mount
acc. to PN-EN 60715
97 x 16 x 45.2(69) mm*
Two poles, 5 mm pinout
10 A, 300 V AC
All accessories are sold separately.
* In parenthesis is the height of the socket with plastic retainer clip. ** For lower profile application.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com